Electronic Components Datasheet Search
Selected language     English  ▼


AM26C31IDG4 Datasheet(PDF) 6 Page - Texas Instruments

Part No. AM26C31IDG4
Description  QUADRUPLE DIFFERENTIAL LINE DRIVER
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 6 page
background image
ELECTRICAL CHARACTERISTICS
SWITCHING CHARACTERISTICS
AM26C31
SLLS103M – DECEMBER 1990 – REVISED JUNE 2008................................................................................................................................................... www.ti.com
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
AM26C31Q
AM26C31M
PARAMETER
TEST CONDITIONS
UNIT
MIN TYP(1)
MAX
VOH
High-level output voltage
IO = –20 mA
2.2
3.4
V
VOL
Low-level output voltage
IO = 20 mA
0.2
0.4
V
VOD
Differential output voltage magnitude
RL = 100 Ω,
See Figure 1
2
3.1
V
Δ|VOD|
Change in magnitude of differential output voltage(2)
RL = 100 Ω,
See Figure 1
±0.4
V
VOC
Common-mode output voltage
RL = 100 Ω,
See Figure 1
3
V
Δ|VOC|
Change in magnitude of common-mode output voltage(2)
RL = 100 Ω,
See Figure 1
±0.4
V
II
Input current
VI = VCC or GND
±1
µA
VO = 6 V
100
IO(off)
Driver output current with power off
VCC = 0
µA
VO = –0.25 V
–100
IOS
Driver output short-circuit current
VO = 0
–170
mA
VO = 2.5 V
20
IOZ
High-impedance off-state output current
µA
VO = 0.5 V
–20
VI = 0 or 5 V
100
µA
ICC
Quiescent supply current
IO = 0
VI = 2.4 V or 0.5
3.2
mA
V(3)
Ci
Input capacitance
6
pF
(1)
All typical values are at VCC = 5 V and TA = 25°C.
(2)
Δ|VOD| and Δ|VOC| are the changes in magnitude of VOD and VOC, respectively, that occur when the input is changed from a high level
to a low level.
(3)
This parameter is measured per input. All other inputs are at 0 or 5 V.
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
AM26C31Q
AM26C31M
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP(1)
MAX
tPLH
Propagation delay time, low-to-high-level output
7
12
S1 is open,
See Figure 2
ns
tPHL
Propagation delay time, high-to-low-level output
6.5
12
tsk(p)
Pulse skew time (|tPLH – tPHL|)
S1 is open,
See Figure 2
0.5
4
ns
tr(OD), tf(OD)
Differential output rise and fall times
S1 is open,
See Figure 3
5
12
ns
tPZH
Output enable time to high level
10
19
S1 is closed,
See Figure 4
ns
tPZL
Output enable time to low level
10
19
tPHZ
Output disable time from high level
7
16
S1 is closed,
See Figure 4
ns
tPLZ
Output disable time from low level
7
16
Cpd
Power dissipation capacitance (each driver)(2)
S1 is open,
See Figure 2
100
pF
(1)
All typical values are at VCC = 5 V and TA = 25°C.
(2)
Cpd is used to estimate the switching losses according to PD = Cpd × VCC
2 × f, where f is the switching frequency.
6
Submit Documentation Feedback
Copyright © 1990–2008, Texas Instruments Incorporated
Product Folder Link(s): AM26C31




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl