Electronic Components Datasheet Search
Selected language     English  ▼


AM26C31IDG4 Datasheet(PDF) 7 Page - Texas Instruments

Part No. AM26C31IDG4
Description  QUADRUPLE DIFFERENTIAL LINE DRIVER
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 7 page
background image
PARAMETER MEASUREMENT INFORMATION
Input A
(see Note B)
Output Y
1.3 V
50%
tsk(p)
Output Z
tPHL
tPLH
tsk(p)
tPLH
tPHL
C3 = 40 pF
C2 = 40 pF
C1 =
40 pF
Input
See Note A
TEST CIRCUIT
RL/2
RL/2
1.5 V
500 Ω
S1
1.3 V
1.3 V
3 V
0 V
50%
50%
50%
AM26C31
www.ti.com................................................................................................................................................... SLLS103M – DECEMBER 1990 – REVISED JUNE 2008
Figure 1. Differential and Common-Mode Output Voltages
A.
C1, C2, and C3 include probe and jig capacitance.
B.
All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, duty cycle ≤ 50%, and
tr, tf ≤ 6 ns.
Figure 2. Propagation Delay Time and Skew Waveforms and Test Circuit
Copyright © 1990–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): AM26C31




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl