Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUC1G66DBVRE4 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74AUC1G66DBVRE4
Description  SINGLE BILATERAL ANALOG SWITCH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC1G66DBVRE4 Datasheet(HTML) 2 Page - Texas Instruments

  SN74AUC1G66DBVRE4 Datasheet HTML 1Page - Texas Instruments SN74AUC1G66DBVRE4 Datasheet HTML 2Page - Texas Instruments SN74AUC1G66DBVRE4 Datasheet HTML 3Page - Texas Instruments SN74AUC1G66DBVRE4 Datasheet HTML 4Page - Texas Instruments SN74AUC1G66DBVRE4 Datasheet HTML 5Page - Texas Instruments SN74AUC1G66DBVRE4 Datasheet HTML 6Page - Texas Instruments SN74AUC1G66DBVRE4 Datasheet HTML 7Page - Texas Instruments SN74AUC1G66DBVRE4 Datasheet HTML 8Page - Texas Instruments SN74AUC1G66DBVRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
B
C
A
1
4
2
Absolute Maximum Ratings
(1)
SN74AUC1G66
SCES386L – MARCH 2002 – REVISED JULY 2009 .......................................................................................................................................................... www.ti.com
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(3)
NanoFree™
Reel of 3000
SN74AUC1G66YZPR
_ _ _U6_
WCSP (DSBGA) – YZP (Pb-free)
SON – DRY
Reel of 5000
SN74AUC1G66DRYR
PREVIEW
–40°C to 85°C
SOT (SOT-23) – DBV
Reel of 3000
SN74AUC1G66DBVR
U66_
SOT (SC-70) – DCK
Reel of 3000
SN74AUC1G66DCKR
U6_
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(3)
DBV/DCK/DRY: The actual top-side marking has one additional character that designates the assembly/test site.
YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site.
FUNCTION TABLE
CONTROL
INPUT
SWITCH
(C)
L
OFF
H
ON
LOGIC DIAGRAM (POSITIVE LOGIC)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
3.6
V
VI
Input voltage range(2)
–0.5
3.6
V
VI/O
Switch I/O voltage range(2)(3)
–0.5
VCC + 0.5
V
IIK
Control input clamp current
VI < 0
–50
mA
IIOK
I/O port diode current
VI/O < 0 or VI/O > VCC
±50
mA
IT
On-state switch current
VI/O = 0 to VCC
±50
mA
Continuous current through VCC or GND
±100
mA
DBV package
206
DCK package
252
θ
JA
Package thermal impedance(4)
°C/W
DRY package
234
YZP package
123
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to ground, unless otherwise specified.
(3)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
2
Submit Documentation Feedback
Copyright © 2002–2009, Texas Instruments Incorporated
Product Folder Link(s): SN74AUC1G66


Similar Part No. - SN74AUC1G66DBVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC1G66DBVR TI-SN74AUC1G66DBVR Datasheet
296Kb / 10P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
More results

Similar Description - SN74AUC1G66DBVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC1G66 TI-SN74AUC1G66 Datasheet
296Kb / 10P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
1P1G66QDBVRQ1 TI-1P1G66QDBVRQ1 Datasheet
905Kb / 19P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66_09 Datasheet
688Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66 Datasheet
387Kb / 17P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74AUC1G66 TI-SN74AUC1G66_15 Datasheet
894Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66-Q1 TI-SN74LVC1G66-Q1 Datasheet
187Kb / 11P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66_15 Datasheet
1Mb / 33P
[Old version datasheet]   SN74LVC1G66 Single Bilateral Analog Switch
SN74LVC1G66 TI1-SN74LVC1G66_16 Datasheet
1Mb / 33P
[Old version datasheet]   SN74LVC1G66 Single Bilateral Analog Switch
SN74LVC1G66-Q1 TI-SN74LVC1G66-Q1_15 Datasheet
968Kb / 24P
[Old version datasheet]   SN74LVC1G66-Q1 Single Bilateral Analog Switch
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066_15 Datasheet
238Kb / 8P
   QUADRUPLE BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com