Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUC1G66DCKRE4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUC1G66DCKRE4
Description  SINGLE BILATERAL ANALOG SWITCH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC1G66DCKRE4 Datasheet(HTML) 3 Page - Texas Instruments

  SN74AUC1G66DCKRE4 Datasheet HTML 1Page - Texas Instruments SN74AUC1G66DCKRE4 Datasheet HTML 2Page - Texas Instruments SN74AUC1G66DCKRE4 Datasheet HTML 3Page - Texas Instruments SN74AUC1G66DCKRE4 Datasheet HTML 4Page - Texas Instruments SN74AUC1G66DCKRE4 Datasheet HTML 5Page - Texas Instruments SN74AUC1G66DCKRE4 Datasheet HTML 6Page - Texas Instruments SN74AUC1G66DCKRE4 Datasheet HTML 7Page - Texas Instruments SN74AUC1G66DCKRE4 Datasheet HTML 8Page - Texas Instruments SN74AUC1G66DCKRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Recommended Operating Conditions
(1)
Electrical Characteristics
Switching Characteristics
SN74AUC1G66
www.ti.com .......................................................................................................................................................... SCES386L – MARCH 2002 – REVISED JULY 2009
MIN
MAX
UNIT
VCC
Supply voltage
0.8
2.7
V
VCC = 0.8 V
VCC
VIH
High-level input voltage
VCC = 1.1 V to 1.95 V
0.65 × VCC
V
VCC = 2.3 V to 2.7 V
1.7
VCC = 0.8 V
0
VIL
Low-level input voltage
VCC = 1.1 V to 1.95 V
0.35 × VCC
V
VCC = 2.3 V to 2.7 V
0.7
VI/O
I/O port voltage
0
VCC
V
VI
Control input voltage
0
3.6
V
Δt/Δv
Input transition rise or fall rate
20
ns/V
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
VI = VCC or GND,
IS = 4 mA
1.65 V
10
20
ron
On-state switch resistance
VC = VIH
IS = 8 mA
2.3 V
9
15
(see Figure 1)
VI = VCC to GND,
IS = 4 mA
1.65 V
32
80
ron(p)
Peak on resistance
VC = VIH
IS = 8 mA
2.3 V
15
20
(see Figure 1)
VI = VCC and VO = GND, or
±1
IS(off)
Off-state switch leakage current
VI = GND and VO = VCC,
2.7 V
µA
±0.1(1)
VC = VIL (see Figure 2)
±1
VI = VCC or GND, VC = VIH, VO = Open
IS(on)
On-state switch leakage current
2.7 V
µA
(see Figure 3)
±0.1(1)
II
Control input current
VI = VCC or GND
0 to 2.7 V
±5
µA
ICC
Supply current
VI = VCC or GND,
IO = 0
0.8 V to 2.7 V
10
µA
Cic
Control input capacitance
2.5 V
2
pF
Cio(off)
Switch input/output capacitance
2.5 V
3.5
pF
Cio(on)
Switch input/output capacitance
2.5 V
7
pF
(1)
All typical values are at TA = 25°C.
over recommended operating free-air temperature range, CL = 15 pF (unless otherwise noted) (see Figure 4)
VCC = 1.2 V
VCC = 1.5 V
VCC = 1.8 V
VCC = 2.5 V
VCC = 0.8 V
FROM
TO
± 0.1 V
± 0.1 V
± 0.15 V
± 0.2 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
TYP
MAX
MIN
MAX
tpd
(1)
A or B
B or A
0.9
0.3
0.2
0.2
0.1
ns
ten
C
A or B
4.1
0.5
2.6
0.5
1.7
0.5
0.8
1.1
0.5
1
ns
tdis
C
A or B
5
0.7
3.6
0.5
2.6
0.5
1.7
2.9
0.5
2.2
ns
(1)
The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load
capacitance, when driven by an ideal voltage source (zero output impedance).
Copyright © 2002–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN74AUC1G66


Similar Part No. - SN74AUC1G66DCKRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC1G66DCKR TI-SN74AUC1G66DCKR Datasheet
296Kb / 10P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
More results

Similar Description - SN74AUC1G66DCKRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC1G66 TI-SN74AUC1G66 Datasheet
296Kb / 10P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
1P1G66QDBVRQ1 TI-1P1G66QDBVRQ1 Datasheet
905Kb / 19P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66_09 Datasheet
688Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66 Datasheet
387Kb / 17P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74AUC1G66 TI-SN74AUC1G66_15 Datasheet
894Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66-Q1 TI-SN74LVC1G66-Q1 Datasheet
187Kb / 11P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66_15 Datasheet
1Mb / 33P
[Old version datasheet]   SN74LVC1G66 Single Bilateral Analog Switch
SN74LVC1G66 TI1-SN74LVC1G66_16 Datasheet
1Mb / 33P
[Old version datasheet]   SN74LVC1G66 Single Bilateral Analog Switch
SN74LVC1G66-Q1 TI-SN74LVC1G66-Q1_15 Datasheet
968Kb / 24P
[Old version datasheet]   SN74LVC1G66-Q1 Single Bilateral Analog Switch
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066_15 Datasheet
238Kb / 8P
   QUADRUPLE BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com