Electronic Components Datasheet Search |
|
MAX3232ECPWRG4 Datasheet(PDF) 2 Page - Texas Instruments |
|
MAX3232ECPWRG4 Datasheet(HTML) 2 Page - Texas Instruments |
2 / 17 page www.ti.com DESCRIPTION/ORDERING INFORMATION (CONTINUED) DIN1 DOUT1 RIN1 ROUT1 DIN2 DOUT2 RIN2 ROUT2 11 10 12 9 14 7 13 8 MAX3232E 3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ±15-kV IEC ESD PROTECTION SLLS664A – AUGUST 2005 – REVISED APRIL 2007 The MAX3232E device consists of two line drivers, two line receivers, and a dual charge-pump circuit with ±15-kV IEC ESD protection pin to pin (serial-port connection pins, including GND). The device meets the requirements of TIA/EIA-232-F and provides the electrical interface between an asynchronous communication controller and the serial-port connector. The charge pump and four small external capacitors allow operation from a single 3-V to 5.5-V supply. The devices operate at data signaling rates up to 250 kbit/s and a maximum of 30-V/ µs driver output slew rate. FUNCTION TABLES ABC EACH DRIVER(1) INPUT OUTPUT DIN DOUT L H H L (1) H = high level, L = low level EACH RECEIVER(1) INPUT OUTPUT RIN ROUT L H H L Open H (1) H = high level, L = low level, Open = input disconnected or connected driver off LOGIC DIAGRAM (POSITIVE LOGIC) 2 Submit Documentation Feedback |
Similar Part No. - MAX3232ECPWRG4 |
|
Similar Description - MAX3232ECPWRG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |