Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUCH244RGYR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUCH244RGYR
Description  OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUCH244RGYR Datasheet(HTML) 4 Page - Texas Instruments

  SN74AUCH244RGYR Datasheet HTML 1Page - Texas Instruments SN74AUCH244RGYR Datasheet HTML 2Page - Texas Instruments SN74AUCH244RGYR Datasheet HTML 3Page - Texas Instruments SN74AUCH244RGYR Datasheet HTML 4Page - Texas Instruments SN74AUCH244RGYR Datasheet HTML 5Page - Texas Instruments SN74AUCH244RGYR Datasheet HTML 6Page - Texas Instruments SN74AUCH244RGYR Datasheet HTML 7Page - Texas Instruments SN74AUCH244RGYR Datasheet HTML 8Page - Texas Instruments SN74AUCH244RGYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SN74AUCH244
OCTAL BUFFER/DRIVER
WITH 3STATE OUTPUTS
SCES433 − MARCH 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP†
MAX
UNIT
IOH = −100 µA
0.8 V to 2.7 V
VCC−0.1
IOH = −0.7 mA
0.8 V
0.55
VOH
IOH = −3 mA
1.1 V
0.8
V
VOH
IOH = −5 mA
1.4 V
1
V
IOH = −8 mA
1.65 V
1.2
IOH = −9 mA
2.3 V
1.8
IOL = 100 µA
0.8 V to 2.7 V
0.2
IOL = 0.7 mA
0.8 V
0.25
VOL
IOL = 3 mA
1.1 V
0.3
V
VOL
IOL = 5 mA
1.4 V
0.4
V
IOL = 8 mA
1.65 V
0.45
IOL = 9 mA
2.3 V
0.6
II
A and OE inputs
VI = VCC or GND
0 to 2.7 V
±5
µA
VI = 0.35 V
1.1 V
10
IBHL‡
VI = 0.47 V
1.4 V
15
A
IBHL‡
VI = 0.57 V
1.65 V
20
µA
VI = 0.7 V
2.3 V
40
VI = 0.8 V
1.1 V
−10
IBHH§
VI = 0.9 V
1.4 V
−15
A
IBHH§
VI = 1.07 V
1.65 V
−20
µA
VI = 1.7 V
2.3 V
−40
1.3 V
75
IBHLO¶
VI = 0 to VCC
1.6 V
125
A
IBHLO¶
VI = 0 to VCC
1.95 V
175
µA
2.7 V
275
1.3 V
−75
IBHHO#
VI = 0 to VCC
1.6 V
−125
A
IBHHO#
VI = 0 to VCC
1.95 V
−175
µA
2.7 V
−275
Ioff
VI or VO = 2.7 V
0
±10
µA
IOZ
VO = VCC or GND
2.7 V
±10
µA
ICC
VI = VCC or GND,
IO = 0
0.8 V to 2.7 V
20
µA
Ci
VI = VCC or GND
2.5 V
2.5
3
pF
Co
VO = VCC or GND
2.5 V
5.5
6
pF
† All typical values are at TA = 25°C.
‡ The bus-hold circuit can sink at least the minimum low sustaining current at VIL max. IBHL should be measured after lowering VIN to GND and
then raising it to VIL max.
§ The bus-hold circuit can source at least the minimum high sustaining current at VIH min. IBHH should be measured after raising VIN to VCC and
then lowering it to VIH min.
¶ An external driver must source at least IBHLO to switch this node from low to high.
# An external driver must sink at least IBHHO to switch this node from high to low.


Similar Part No. - SN74AUCH244RGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUCH244RGYR TI-SN74AUCH244RGYR Datasheet
199Kb / 9P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUCH244RGYR TI-SN74AUCH244RGYR Datasheet
488Kb / 13P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUCH244RGYRG4 TI-SN74AUCH244RGYRG4 Datasheet
488Kb / 13P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74AUCH244RGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11244 TI-74AC11244 Datasheet
91Kb / 6P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
SN74AS230A TI-SN74AS230A Datasheet
80Kb / 5P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244 TI1-74AC11244_15 Datasheet
796Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT244 TI1-SN64BCT244_16 Datasheet
1,002Kb / 12P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT541A TI1-SN64BCT541A_16 Datasheet
495Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-Q1 TI1-SN74LVC540A-Q1_16 Datasheet
1Mb / 15P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC240A TI-SN74LVC240A_08 Datasheet
416Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHC244-EP TI1-SN74AHC244-EP Datasheet
448Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT244-Q1 TI1-SN74AHCT244-Q1 Datasheet
596Kb / 13P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT541-EP TI1-SN74AHCT541-EP Datasheet
715Kb / 13P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC244-EP TI1-SN74ALVC244-EP Datasheet
488Kb / 11P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com