Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G240YZPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP1G240YZPR
Description  LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G240YZPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74AUP1G240YZPR Datasheet HTML 6Page - Texas Instruments SN74AUP1G240YZPR Datasheet HTML 7Page - Texas Instruments SN74AUP1G240YZPR Datasheet HTML 8Page - Texas Instruments SN74AUP1G240YZPR Datasheet HTML 9Page - Texas Instruments SN74AUP1G240YZPR Datasheet HTML 10Page - Texas Instruments SN74AUP1G240YZPR Datasheet HTML 11Page - Texas Instruments SN74AUP1G240YZPR Datasheet HTML 12Page - Texas Instruments SN74AUP1G240YZPR Datasheet HTML 13Page - Texas Instruments SN74AUP1G240YZPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
74AUP1G240DBVRE4
ACTIVE
SOT-23
DBV
5
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74AUP1G240DBVRG4
ACTIVE
SOT-23
DBV
5
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74AUP1G240DBVTE4
ACTIVE
SOT-23
DBV
5
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74AUP1G240DBVTG4
ACTIVE
SOT-23
DBV
5
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74AUP1G240DCKRE4
ACTIVE
SC70
DCK
5
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74AUP1G240DCKRG4
ACTIVE
SC70
DCK
5
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74AUP1G240DCKTE4
ACTIVE
SC70
DCK
5
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74AUP1G240DCKTG4
ACTIVE
SC70
DCK
5
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUP1G240DBVR
ACTIVE
SOT-23
DBV
5
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUP1G240DBVT
ACTIVE
SOT-23
DBV
5
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUP1G240DCKR
ACTIVE
SC70
DCK
5
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUP1G240DCKT
ACTIVE
SC70
DCK
5
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUP1G240DRYR
ACTIVE
SON
DRY
6
5000 Green (RoHS &
no Sb/Br)
NIPDAU
Level-1-260C-UNLIM
SN74AUP1G240DSFR
ACTIVE
SON
DSF
6
5000 Green (RoHS &
no Sb/Br)
NIPDAU
Level-1-260C-UNLIM
SN74AUP1G240YFPR
ACTIVE
DSBGA
YFP
6
3000 Green (RoHS &
no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
SN74AUP1G240YZPR
ACTIVE
DSBGA
YZP
5
3000 Green (RoHS &
no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
PACKAGE OPTION ADDENDUM
www.ti.com
16-Apr-2010
Addendum-Page 1


Similar Part No. - SN74AUP1G240YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G240YZPR TI-SN74AUP1G240YZPR Datasheet
508Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUP1G240YZPR TI1-SN74AUP1G240YZPR Datasheet
1Mb / 44P
[Old version datasheet]   Low-Power Single Inverter With 3-State Output
SN74AUP1G240YZPR TI1-SN74AUP1G240YZPR Datasheet
1Mb / 42P
[Old version datasheet]   Low-Power Single Inverter With 3-State Output
More results

Similar Description - SN74AUP1G240YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G240 TI-SN74AUP1G240 Datasheet
508Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUC1G240 TI-SN74AUC1G240_10 Datasheet
476Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74LVC1G240 TI-SN74LVC1G240 Datasheet
331Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUC1G240 TI-SN74AUC1G240 Datasheet
487Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74LVC1G240 TI-SN74LVC1G240_08 Datasheet
494Kb / 14P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74LVC1G240 TI1-SN74LVC1G240_16 Datasheet
1Mb / 22P
[Old version datasheet]   Single Buffer/Driver With 3-State Output
SN74AUP1G126 TI1-SN74AUP1G126_17 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI1-SN74AUP1G125_17 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125YZTR TI1-SN74AUP1G125YZTR Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125 TI-SN74AUP1G125_10 Datasheet
976Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com