Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G34DBVRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74AUP1G34DBVRG4
Description  LOW-POWER SINGLE BUFFER GATE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G34DBVRG4 Datasheet(HTML) 3 Page - Texas Instruments

  SN74AUP1G34DBVRG4 Datasheet HTML 1Page - Texas Instruments SN74AUP1G34DBVRG4 Datasheet HTML 2Page - Texas Instruments SN74AUP1G34DBVRG4 Datasheet HTML 3Page - Texas Instruments SN74AUP1G34DBVRG4 Datasheet HTML 4Page - Texas Instruments SN74AUP1G34DBVRG4 Datasheet HTML 5Page - Texas Instruments SN74AUP1G34DBVRG4 Datasheet HTML 6Page - Texas Instruments SN74AUP1G34DBVRG4 Datasheet HTML 7Page - Texas Instruments SN74AUP1G34DBVRG4 Datasheet HTML 8Page - Texas Instruments SN74AUP1G34DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
SN74AUP1G34
www.ti.com
SCES603G – AUGUST 2004 – REVISED MARCH 2010
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
4.6
V
VI
Input voltage range(2)
–0.5
4.6
V
VO
Voltage range applied to any output in the high-impedance or power-off state(2)
–0.5
4.6
V
VO
Output voltage range in the high or low state(2)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±20
mA
Continuous current through VCC or GND
±50
mA
DBV package
206
DCK package
252
DRL package
142
qJA
Package thermal impedance(3)
°C/W
DSF package
300
DRY package
234
YFP/YZP package
132
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN74AUP1G34


Similar Part No. - SN74AUP1G34DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G34DBVR TI-SN74AUP1G34DBVR Datasheet
289Kb / 13P
[Old version datasheet]   LOW-POWER SINLE BUFFER GATE
SN74AUP1G34DBVR TI1-SN74AUP1G34DBVR Datasheet
1Mb / 33P
[Old version datasheet]   Low-Power Single Buffer Gate
SN74AUP1G34DBVR-PDSO-G5 TI-SN74AUP1G34DBVR-PDSO-G5 Datasheet
289Kb / 13P
[Old version datasheet]   LOW-POWER SINLE BUFFER GATE
SN74AUP1G34DBVRE4 TI-SN74AUP1G34DBVRE4 Datasheet
289Kb / 13P
[Old version datasheet]   LOW-POWER SINLE BUFFER GATE
More results

Similar Description - SN74AUP1G34DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G34 TI1-SN74AUP1G34_16 Datasheet
1Mb / 33P
[Old version datasheet]   Low-Power Single Buffer Gate
SN74AUP3G34 TI-SN74AUP3G34 Datasheet
282Kb / 12P
[Old version datasheet]   LOW-POWER TRIPLE BUFFER GATE
SN74AUP2G34 TI1-SN74AUP2G34 Datasheet
907Kb / 19P
[Old version datasheet]   LOW-POWER DUAL BUFFER GATE
SN74AUP1G34 TI-SN74AUP1G34 Datasheet
289Kb / 13P
[Old version datasheet]   LOW-POWER SINLE BUFFER GATE
SN74AUP3G34 TI1-SN74AUP3G34_16 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-POWER TRIPLE BUFFER GATE
SN74LVC1G34 TI-SN74LVC1G34_10 Datasheet
820Kb / 19P
[Old version datasheet]   SINGLE BUFFER GATE
logo
Unisonic Technologies
U74LVC3G34G-S08-R UTC-U74LVC3G34G-S08-R Datasheet
197Kb / 5P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34_V01 Datasheet
205Kb / 6P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34_15 Datasheet
201Kb / 6P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34 Datasheet
185Kb / 6P
   SINGLE BUFFER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com