Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G240DCKTG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74AUP1G240DCKTG4
Description  LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74AUP1G240DCKTG4 Datasheet(HTML) 1 Page - Texas Instruments

  74AUP1G240DCKTG4 Datasheet HTML 1Page - Texas Instruments 74AUP1G240DCKTG4 Datasheet HTML 2Page - Texas Instruments 74AUP1G240DCKTG4 Datasheet HTML 3Page - Texas Instruments 74AUP1G240DCKTG4 Datasheet HTML 4Page - Texas Instruments 74AUP1G240DCKTG4 Datasheet HTML 5Page - Texas Instruments 74AUP1G240DCKTG4 Datasheet HTML 6Page - Texas Instruments 74AUP1G240DCKTG4 Datasheet HTML 7Page - Texas Instruments 74AUP1G240DCKTG4 Datasheet HTML 8Page - Texas Instruments 74AUP1G240DCKTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
DBVPACKAGE
(TOP VIEW)
5
1
V
CC
OE
2
A
3
4
GND
Y
DCKPACKAGE
(TOP VIEW)
2
A
3
4
GND
V
CC
5
OE
Y
1
DRY PACKAGE
(TOP VIEW)
A
NC
OE
6
5
4
2
3
GND
Y
V
CC
1
GND
Y
3
4
A
2
5
OE
6
1
N.C.
V
CC
DSF PACKAGE
(TOP VIEW)
YZP PACKAGE
(TOP VIEW)
YFP PACKAGE
(TOP VIEW)
GND
OE
Y
V
CC
A
3
5
2
1
4
A1
B1
C1
A2
C2
GND
OE
Y
V
CC
A
3
6
2
1
4
5
N.C.
A1
B1
C1
A2
B2
C2
SN74AUP1G240
www.ti.com
SCES627C – MARCH 2005 – REVISED MAY 2010
LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
Check for Samples: SN74AUP1G240
1
FEATURES
Available in the Texas Instruments NanoStar™
Input Hysteresis Allows Slow Input Transition
Package
and Better Switching Noise Immunity at the
Input
Low Static-Power Consumption
Wide Operating VCC Range of 0.8 V to 3.6 V
ICC = 0.9 mA Max
Optimized for 3.3-V Operation
Low Dynamic-Power Consumption
3.6-V I/O Tolerant to Support Mixed-Mode
Cpd = 4.2 pF at 3.3 V Typ
Signal Operation
Low Input Capacitance
tpd = 4.7 ns Max at 3.3 V
CI = 1.5 pF Typ
Suitable for Point-to-Point Applications
Low Noise – Overshoot and Undershoot
Latch-Up Performance Exceeds 100 mA Per
<10% of VCC
JESD 78, Class II
Input-Disable Feature Allows Floating Input
ESD Performance Tested Per JESD 22
Conditions
2000-V Human-Body Model
Ioff Supports Partial Power-Down-Mode
(A114-B, Class II)
Operation
1000-V Charged-Device Model (C101)
See mechanical drawings for dimensions.
N.C. – No internal connection
DESCRIPTION/ORDERING INFORMATION
The AUP family is TI's premier solution to the industry's low power needs in battery-powered portable
applications. This family ensures a very low static and dynamic power consumption across the entire VCC range
of 0.8 V to 3.6 V, resulting in an increased battery life. This product also maintains excellent signal integrity (see
Figure 1 and Figure 2).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - 74AUP1G240DCKTG4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G240 PHILIPS-74AUP1G240 Datasheet
99Kb / 19P
   Low-power inverting buffer/line driver; 3-state
Rev. 01-6 November 2006
74AUP1G240 NXP-74AUP1G240 Datasheet
107Kb / 19P
   Low-power inverting buffer/line driver; 3-state
Rev. 01-6 November 2006
logo
Nexperia B.V. All right...
74AUP1G240 NEXPERIA-74AUP1G240 Datasheet
296Kb / 20P
   Low-power inverting buffer/line driver; 3-state
Rev. 7 - 20 January 2022
logo
NXP Semiconductors
74AUP1G240GF PHILIPS-74AUP1G240GF Datasheet
99Kb / 19P
   Low-power inverting buffer/line driver; 3-state
Rev. 01-6 November 2006
74AUP1G240GF NXP-74AUP1G240GF Datasheet
107Kb / 19P
   Low-power inverting buffer/line driver; 3-state
Rev. 01-6 November 2006
More results

Similar Description - 74AUP1G240DCKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G240 TI-SN74AUP1G240 Datasheet
508Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUC1G240 TI-SN74AUC1G240_10 Datasheet
476Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74LVC1G240 TI-SN74LVC1G240 Datasheet
331Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUC1G240 TI-SN74AUC1G240 Datasheet
487Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74LVC1G240 TI-SN74LVC1G240_08 Datasheet
494Kb / 14P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74LVC1G240 TI1-SN74LVC1G240_16 Datasheet
1Mb / 22P
[Old version datasheet]   Single Buffer/Driver With 3-State Output
SN74AUP1G126 TI1-SN74AUP1G126_17 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI1-SN74AUP1G125_17 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125YZTR TI1-SN74AUP1G125YZTR Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125 TI-SN74AUP1G125_10 Datasheet
976Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com