Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC4 Datasheet(PDF) 3 Page - Altera Corporation

Part # EPC4
Description  1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC4 Datasheet(HTML) 3 Page - Altera Corporation

  EPC4 Datasheet HTML 1Page - Altera Corporation EPC4 Datasheet HTML 2Page - Altera Corporation EPC4 Datasheet HTML 3Page - Altera Corporation EPC4 Datasheet HTML 4Page - Altera Corporation EPC4 Datasheet HTML 5Page - Altera Corporation EPC4 Datasheet HTML 6Page - Altera Corporation EPC4 Datasheet HTML 7Page - Altera Corporation EPC4 Datasheet HTML 8Page - Altera Corporation EPC4 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Chapter 1: Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
1–3
Functional Description
© December 2009
Altera Corporation
Configuration Handbook (Complete Two-Volume Set)
Table 1–2. Configuration Devices Required (Part 1 of 3)
Family
Device
Data Size (Bits)
(1)
EPC4 (2)
EPC8 (2)
EPC16 (2)
Arria GX
EP1AGX20C
9,640,672
1
EP1AGX35C
EP1AGX35D
9,640,672
1
EP1AGX50C
EP1AGX50D
16,951,824
1
EP1AGX60C
EP1AGX60D
EP1AGX60E
16,951,824
1
EP1AGX90E
25,699,104
1
Stratix
EP1S10
3,534,640
1
1
1
EP1S20
5,904,832
1
1
1
EP1S25
7,894,144
1
1
EP1S30
10,379,368
1
1
EP1S40
12,389,632
1
1
EP1S60
17,543,968
1
EP1S80
23,834,032
1
Stratix GX
EP1SGX10
3,534,640
1
1
1
EP1SGX25
7,894,144
1
1
EP1SGX40
12,389,632
1
1
Stratix II
EP2S15
4,721,544
1
1
1
EP2S30
9,640,672
1
1
EP2S60
16,951,824
1
EP2S90
25,699,104
EP2S130
37,325,760
EP2S180
49,814,760
Stratix II GX
EP2SGX30C
9,640,672
1
EP2SGX30D
9,640,672
1
EP2SGX60C
16,951,824
1
EP2SGX60D
16,951,824
1
EP2SGX60E
16,951,824
1
EP2SGX90E
25,699,104
EP2SGX90F
25,699,104
EP2SGX130G
37,325,760
Cyclone
EP1C3
627,376
1
1
1
EP1C4
924,512
1
1
1
EP1C6
1,167,216
1
1
1
EP1C12
2,326,528
1
1
1
EP1C20
3,559,608
1
1
1


Similar Part No. - EPC4

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPC4 ALTERA-EPC4 Datasheet
467Kb / 36P
   SRAM-Based LUT Devices
EPC4 ALTERA-EPC4 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EPC4 ALTERA-EPC4 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
logo
Teledyne Technologies I...
EPC46N110A TELEDYNE-EPC46N110A Datasheet
155Kb / 5P
   Up to 110A 460 Vac Phase Angle Controller
EPC46N70A TELEDYNE-EPC46N70A Datasheet
155Kb / 5P
   Up to 110A 460 Vac Phase Angle Controller
More results

Similar Description - EPC4

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPC8QC100 ALTERA-EPC8QC100 Datasheet
421Kb / 36P
   2. Enhanced Configuration Devices (EPC4, EPC8 & EPC16) Data Sheet
EPC16UC88N ALTERA-EPC16UC88N Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EPC8QC100N ALTERA-EPC8QC100N Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EPC16UI88AA ALTERA-EPC16UI88AA Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EPC1441TC32N ALTERA-EPC1441TC32N Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EPC16QI100N ALTERA-EPC16QI100N Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
logo
Fairchild Semiconductor
FSA641 FAIRCHILD-FSA641 Datasheet
1Mb / 3P
   2:1 MIPI Switch, Featuring 2-Data and 1-Data Lane Configuration
logo
ON Semiconductor
FSA641 ONSEMI-FSA641 Datasheet
623Kb / 12P
   2:1 MIPI Switch, Featuring 2-Data and 1-Data Lane Configuration
June 2014 Rev. 1.0.5
logo
Altera Corporation
EPCS1 ALTERA-EPCS1 Datasheet
241Kb / 32P
   Serial Configuration Devices
EPCS1 ALTERA-EPCS1_1 Datasheet
704Kb / 38P
   Serial Configuration Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com