Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2SGX60E Datasheet(PDF) 2 Page - Altera Corporation

Part # EP2SGX60E
Description  1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2SGX60E Datasheet(HTML) 2 Page - Altera Corporation

  EP2SGX60E Datasheet HTML 1Page - Altera Corporation EP2SGX60E Datasheet HTML 2Page - Altera Corporation EP2SGX60E Datasheet HTML 3Page - Altera Corporation EP2SGX60E Datasheet HTML 4Page - Altera Corporation EP2SGX60E Datasheet HTML 5Page - Altera Corporation EP2SGX60E Datasheet HTML 6Page - Altera Corporation EP2SGX60E Datasheet HTML 7Page - Altera Corporation EP2SGX60E Datasheet HTML 8Page - Altera Corporation EP2SGX60E Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
1–2
Chapter 1: Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
Functional Description
Configuration Handbook (Complete Two-Volume Set)
© December 2009
Altera Corporation
Supports ISP via Jam Standard Test and Programming Language (STAPL)
Supports JTAG boundary scan
nINIT
_CONF pin allows private JTAG instruction to start FPGA configuration
Internal pull-up resistor on nINIT_CONF always enabled
User programmable weak internal pull-up resistors on nCS and OE pins
Internal weak pull-up resistors on external flash interface address and control
lines, bus hold on data lines
Standby mode with reduced power consumption
f For more information about FPGA configuration schemes and advanced features,
refer to the appropriate FPGA family chapter in the Configuration Handbook.
Functional Description
The Altera enhanced configuration device is a single-device, high-speed, advanced
configuration solution for very high-density FPGAs. The core of an enhanced
configuration device is divided into two major blocks: a configuration controller and a
flash memory. The flash memory is used to store configuration data for systems made
up of one or more Altera FPGAs. Unused portions of the flash memory can be used to
store processor code or data that can be accessed via the external flash interface after
FPGA configuration is complete. Table 1–1 summarizes the features of Altera
configuration devices and the amount of configuration space they hold.
Table 1–2 lists the supported configuration devices required to configure an ACEX 1K,
APEX 1K, APEX 20K, APEX 20KC, APEX 20KE, APEX II, Arria GX, Cyclone,
Cyclone II, FLEX 10K, FLEX 10KA, FLEX 10KE, Stratix, Stratix GX, Stratix II, Stratix II
GX, or Mercury device.
Table 1–1. Altera Configuration Devices
Device
Memory Size
(bits)
On-Chip
Decompression
Support
ISP
Support
Cascading
Support
Reprogrammable
Operating
Voltage (V)
EPC4
4,194,304
Yes
Yes
No
Yes
3.3
EPC8
8,388,608
Yes
Yes
No
Yes
3.3
EPC16
16,777,216
Yes
Yes
No
Yes
3.3


Similar Part No. - EP2SGX60E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2SGX60E ALTERA-EP2SGX60E Datasheet
3Mb / 314P
   Stratix II GX Device
EP2SGX60E ALTERA-EP2SGX60E Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP2SGX60E ALTERA-EP2SGX60E Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
EP2SGX60E ALTERA-EP2SGX60E Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX60E ALTERA-EP2SGX60E Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
More results

Similar Description - EP2SGX60E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPC8QC100 ALTERA-EPC8QC100 Datasheet
421Kb / 36P
   2. Enhanced Configuration Devices (EPC4, EPC8 & EPC16) Data Sheet
EPC16UC88N ALTERA-EPC16UC88N Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EPC8QC100N ALTERA-EPC8QC100N Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EPC16UI88AA ALTERA-EPC16UI88AA Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EPC1441TC32N ALTERA-EPC1441TC32N Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EPC16QI100N ALTERA-EPC16QI100N Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
logo
Fairchild Semiconductor
FSA641 FAIRCHILD-FSA641 Datasheet
1Mb / 3P
   2:1 MIPI Switch, Featuring 2-Data and 1-Data Lane Configuration
logo
ON Semiconductor
FSA641 ONSEMI-FSA641 Datasheet
623Kb / 12P
   2:1 MIPI Switch, Featuring 2-Data and 1-Data Lane Configuration
June 2014 Rev. 1.0.5
logo
Altera Corporation
EPCS1 ALTERA-EPCS1 Datasheet
241Kb / 32P
   Serial Configuration Devices
EPCS1 ALTERA-EPCS1_1 Datasheet
704Kb / 38P
   Serial Configuration Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com