Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP20K200C Datasheet(PDF) 1 Page - Altera Corporation

Part # EP20K200C
Description  1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP20K200C Datasheet(HTML) 1 Page - Altera Corporation

  EP20K200C Datasheet HTML 1Page - Altera Corporation EP20K200C Datasheet HTML 2Page - Altera Corporation EP20K200C Datasheet HTML 3Page - Altera Corporation EP20K200C Datasheet HTML 4Page - Altera Corporation EP20K200C Datasheet HTML 5Page - Altera Corporation EP20K200C Datasheet HTML 6Page - Altera Corporation EP20K200C Datasheet HTML 7Page - Altera Corporation EP20K200C Datasheet HTML 8Page - Altera Corporation EP20K200C Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
© December 2009
Altera Corporation
Configuration Handbook (Complete Two-Volume Set)
1. Enhanced Configuration Devices
(EPC4, EPC8, and EPC16) Data Sheet
Features
This chapter describes the EPC4, EPC8, and EPC16 enhanced configuration devices
(EPC).
Single-chip configuration solution for Altera® ACEX® 1K, APEX20K (including
APEX 20K, APEX 20KC, and APEX 20KE), APEX II, Arria® GX, Cyclone®, Cyclone
II, FLEX® 10K (including FLEX 10KE and FLEX 10KA), Mercury, Stratix® II, and
Stratix II GX devices
Contains 4-, 8-, and 16-Mbit flash memories for configuration data storage
On-chip decompression feature almost doubles the effective configuration
density
Standard flash die and a controller die combined into single stacked chip package
External flash interface supports parallel programming of flash and external
processor access to unused portions of memory
Flash memory block/sector protection capability via external flash interface
Supported in EPC16 and EPC4 devices
Page mode support for remote and local reconfiguration with up to eight
configurations for the entire system
Compatible with Stratix series Remote System Configuration feature
Supports byte-wide configuration mode fast passive parallel (FPP); 8-bit data
output per DCLK cycle
Supports true n-bit concurrent configuration (n = 1, 2, 4, and 8) of Altera FPGAs
Pin-selectable 2-ms or 100-ms power-on reset (POR) time
Configuration clock supports programmable input source and frequency synthesis
Multiple configuration clock sources supported (internal oscillator and
external clock input pin)
External clock source with frequencies up to 100 MHz
Internal oscillator defaults to 10 MHz; Programmable for higher frequencies of
33, 50, and 66 MHz
Clock synthesis supported via user programmable divide counter
Available in the 100-pin plastic quad flat pack (PQFP) and the 88-pin Ultra
FineLine BGA® (UFBGA) packages
Vertical migration between all devices supported in the 100-pin PQFP package
Supply voltage of 3.3 V (core and I/O)
Hardware compliant with IEEE Std. 1532 in-system programmability (ISP)
specification
CF52002-2.8


Similar Part No. - EP20K200C

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K200C ALTERA-EP20K200C Datasheet
620Kb / 90P
   Programmable Logic
EP20K200C ALTERA-EP20K200C Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP20K200C ALTERA-EP20K200C Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
More results

Similar Description - EP20K200C

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPC8QC100 ALTERA-EPC8QC100 Datasheet
421Kb / 36P
   2. Enhanced Configuration Devices (EPC4, EPC8 & EPC16) Data Sheet
EPC16UC88N ALTERA-EPC16UC88N Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EPC8QC100N ALTERA-EPC8QC100N Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EPC16UI88AA ALTERA-EPC16UI88AA Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EPC1441TC32N ALTERA-EPC1441TC32N Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EPC16QI100N ALTERA-EPC16QI100N Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
logo
Fairchild Semiconductor
FSA641 FAIRCHILD-FSA641 Datasheet
1Mb / 3P
   2:1 MIPI Switch, Featuring 2-Data and 1-Data Lane Configuration
logo
ON Semiconductor
FSA641 ONSEMI-FSA641 Datasheet
623Kb / 12P
   2:1 MIPI Switch, Featuring 2-Data and 1-Data Lane Configuration
June 2014 Rev. 1.0.5
logo
Altera Corporation
EPCS1 ALTERA-EPCS1 Datasheet
241Kb / 32P
   Serial Configuration Devices
EPCS1 ALTERA-EPCS1_1 Datasheet
704Kb / 38P
   Serial Configuration Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com