Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3904-AP Datasheet(PDF) 3 Page - Micro Commercial Components

Part # 2N3904-AP
Description  NPN General Purpose Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2N3904-AP Datasheet(HTML) 3 Page - Micro Commercial Components

  2N3904-AP Datasheet HTML 1Page - Micro Commercial Components 2N3904-AP Datasheet HTML 2Page - Micro Commercial Components 2N3904-AP Datasheet HTML 3Page - Micro Commercial Components 2N3904-AP Datasheet HTML 4Page - Micro Commercial Components 2N3904-AP Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2N3904
f - (kHz)
Maximum Power Dissipation vs
Ambient Temperature
Noise Figure vs
Source Resistance
PD(MAX) - (mW)
TA - (
°C)
TO-92
SOT-23
0
200
400
600
800
0
50
100
150
200
NF - (dB)
RS - (k
Ω)
0
2
4
6
8
10
12
0.1
1.0
10
100
IC = 1.0mA
IC = 100
µA
f = 1.0kHz
Contours of Constant Gain
Bandwidth Product (fT)
Current Gain
VCE - (V)
IC - (mA)
hfe
IC - (mA)
VCE = 10V
f = 1.0kHz
0
2
4
6
8
10
12
0.1
1.0
10
100
10
100
1000
0.1
1.0
10
Noise Figure vs
Frequency
Switching Times vs
Collector Current
NF - (dB)
T - (ns)
IC - (mA)
1.0
10
100
1000
1.0
10
100
IB1 = IB2 = IC/10
ts
tf
tr
VCE = 5.0V
IC = 0.5mA RS = 200
IC = 100
µA RS = 500Ω
IC = 50
µA RS = 1.0kΩ
0.1
1.0
10
100
0
1
2
3
4
5
6
*100MHz increments from
200 to 500MHz
MCC
Revision: 6
2008/05/08
TM
Micro Commercial Components
www.mccsemi.com
3 of 5


Similar Part No. - 2N3904-AP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N3904-AP STMICROELECTRONICS-2N3904-AP Datasheet
65Kb / 5P
   SMALL SIGNAL NPN TRANSISTOR
More results

Similar Description - 2N3904-AP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com