Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3904-BP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2N3904-BP
Description  NPN General Purpose Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2N3904-BP Datasheet(HTML) 1 Page - Micro Commercial Components

  2N3904-BP Datasheet HTML 1Page - Micro Commercial Components 2N3904-BP Datasheet HTML 2Page - Micro Commercial Components 2N3904-BP Datasheet HTML 3Page - Micro Commercial Components 2N3904-BP Datasheet HTML 4Page - Micro Commercial Components 2N3904-BP Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2N3904
NPN General
Purpose Amplifier
TO-92
Features
Through Hole Package
Capable of 600mWatts of Power Dissipation and 200mA Ic.
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage*
(IC=1.0mAdc, IB=0)
40
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=10
µAdc, IE=0)
60
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=10
µAdc, IC=0)
6.0
Vdc
IBL
Base Cutoff Current
(VCE=30Vdc, VBE=3.0Vdc)
50
nAdc
ICEX
Collector Cutoff Current
(VCE=30Vdc, VBE=3.0Vdc)
50
nAdc
ON CHARACTERISTICS
hFE
DC Current Gain*
(IC=0.1mAdc, VCE=1.0Vdc)
(IC=1.0mAdc, VCE=1.0Vdc)
(IC=10mAdc, VCE=1.0Vdc)
(IC=50mAdc, VCE=1.0Vdc)
(IC=100mAdc, VCE=1.0Vdc)
40
70
100
60
30
300
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=10mAdc, IB=1.0mAdc)
(IC=50mAdc, IB=5.0mAdc)
0.2
0.4
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=10mAdc, IB=1.0mAdc)
(IC=50mAdc, IB=5.0mAdc)
0.65
0.85
0.95
Vdc
SMALL-SIGNAL CHARACTERISTICS
fT
Current Gain-Bandwidth Product
(IC=10mAdc, VCE=20Vdc, f=100MHz)
250
MHz
Cobo
Output Capacitance
(VCB=5.0Vdec, IE=0, f=1.0MHz)
4.0
pF
Cibo
Input Capacitance
(VBE=0.5Vdc, IC=0, f=1.0MHz)
8.0
pF
NF
Noise Figure
(IC=100
µAdc, VCE=5.0Vdc, RS=1.0kΩ
f=10Hz to 15.7kHz)
5.0
dB
SWITCHING CHARACTERISTICS
td
Delay Time
(VCC=3.0Vdc, VBE=0.5Vdc
35
ns
tr
Rise Time
IC=10mAdc, IB1=1.0mAdc)
35
ns
ts
Storage Time
(VCC=3.0Vdc, IC=10mAdc
200
ns
tf
Fall Time
IB1=IB2=1.0mAdc)
50
ns
*Pulse Width
≤ 300µs, Duty Cycle ≤ 2.0%
A
E
B
C
D
G
CB
E
Revision: 6
2008/05/08
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.170
.190
4.33
4.83
B
.170
.190
4.30
4.83
C
.550
.590
13.97
14.97
D
.010
.020
0.36
0.56
E
.130
.160
3.30
3.96
G
.010
.104
2.44
2.64
TM
Micro Commercial Components
Case Material: Molded Plastic.
UL Flammability
Classification Rating 94V-0
and MSL rating 1
Marking:Type number
www.mccsemi.com
1 of 5
Lead Free Finish/Rohs Compliant ("P"Suffix designates
Compliant. See ordering information)


Similar Part No. - 2N3904-BP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N3904-AP STMICROELECTRONICS-2N3904-AP Datasheet
65Kb / 5P
   SMALL SIGNAL NPN TRANSISTOR
logo
Seme LAB
2N3904-T18 SEME-LAB-2N3904-T18 Datasheet
91Kb / 2P
   GENERAL PURPOSE
logo
Unisonic Technologies
2N3904-T92-B UTC-2N3904-T92-B Datasheet
47Kb / 3P
   NPN GENERAL PURPOSE AMPLIFIER
2N3904-T92-B UTC-2N3904-T92-B Datasheet
140Kb / 3P
   NPN GENERAL PURPOSE AMPLIFIER
2N3904-T92-K UTC-2N3904-T92-K Datasheet
47Kb / 3P
   NPN GENERAL PURPOSE AMPLIFIER
More results

Similar Description - 2N3904-BP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com