Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC338-25 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BC338-25
Description  NPN Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BC338-25 Datasheet(HTML) 1 Page - Micro Commercial Components

  BC338-25 Datasheet HTML 1Page - Micro Commercial Components BC338-25 Datasheet HTML 2Page - Micro Commercial Components BC338-25 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Maximum Ratings
Operating temperature : -55
to +150
Storage temperature : -55
to +150
BC337-16/25/40
BC338-16/25/40
NPN
Plastic-Encapsulate
Transistors
Features
Capable of 0.625Watts of Power Dissipation.
Collector-current 0.8A
Collector-base Voltage :VCBO=50V(BC337) , VCBO=30V(BC338)
Electrical Characteristics @ 25
Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=10mAdc, IB=0)
BC337
BC338
45
25
---
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=100µAdc, IE=0)
BC337
BC338
50
30
---
Vdc
V(BR)EBO
Collector-Emitter Breakdown Voltage
(IE=10µAdc, IC=0)
5.0
---
Vdc
ICBO
Collector Cutoff Current
(VCB=45Vdc,IE=0)
BC337
(VCB=25Vdc,IE=0)
BC338
---
---
0.1
0.1
µAdc
ICEO
Collector Cutoff Current
(VCE=40Vdc,IB=0)
BC337
(VCE=20Vdc,IB=0)
BC338
---
---
0.2
0.2
µAdc
IEBO
Emitter Cutoff Current
(VEB=4.0Vdc, IC=0)
---
0.1
µAdc
TO-92
A
E
B
C
D
G
Revision: 4
2006/05/18
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
ON CHARACTERISTICS
hFE(2)
DC Current Gain
(IC=300mAdc, VCE=1.0Vdc)
60
---
--
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=500mAdc, IB=50mAdc)
---
0.7
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=500mAdc,IB=50mAdc)
---
1.2
Vdc
SMALL SIGNAL CHARACTERISTICS
fT
Current-Gain-Bandwidth Product
(VCE=5.0V, f=100MHz, IC=10mA)
210
---
MHz
h
FE CLASSIFICATION
Classification
16
25
40
hFE(1)
100~250
160~400
250~630
Marking Code
A 011
B 011
C 011
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.170
.190
4.33
4.83
B
.170
.190
4.30
4.83
C
.550
.590
13.97
14.97
D
.010
.020
0.36
0.56
E
.130
.160
3.30
3.96
G
.010
.104
2.44
2.64
1
2
3
1.COLLECTOR
3.EMITTER
2.BASE
TM
Micro Commercial Components
Case Material: Molded Plastic.
UL Flammability
Classification Rating 94V-0
www.mccsemi.com
1 of 3


Similar Part No. - BC338-25

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC338-25 MOTOROLA-BC338-25 Datasheet
163Kb / 4P
   Amplifier Transistor
logo
Siemens Semiconductor G...
BC338-25 SIEMENS-BC338-25 Datasheet
150Kb / 6P
   NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
logo
Diotec Semiconductor
BC338-25 DIOTEC-BC338-25 Datasheet
140Kb / 2P
   Si-Epitaxial PlanarTransistors
logo
ON Semiconductor
BC338-25 ONSEMI-BC338-25 Datasheet
82Kb / 6P
   Amplifier Transistors
July, 2004 ??Rev. 4
BC338-25 ONSEMI-BC338-25 Datasheet
65Kb / 5P
   Amplifier Transistors NPN Silicon
September, 2005 ??Rev. 5
More results

Similar Description - BC338-25

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
A42 BWTECH-A42 Datasheet
540Kb / 4P
   NPN Plastic-Encapsulate Transistors
S9014 BWTECH-S9014 Datasheet
327Kb / 4P
   NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
2SC2712-O MCC-2SC2712-O_13 Datasheet
277Kb / 3P
   NPN Plastic-Encapsulate Transistors
2SC2859-O MCC-2SC2859-O Datasheet
364Kb / 2P
   NPN Plastic-Encapsulate Transistors
logo
SHIKUES Electronics
2SC4177 SKTECHNOLGY-2SC4177 Datasheet
681Kb / 3P
   NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT2222A MCC-MMDT2222A_13 Datasheet
282Kb / 5P
   NPN Plastic-Encapsulate Transistors
MMDT4401 MCC-MMDT4401_13 Datasheet
387Kb / 3P
   NPN Plastic-Encapsulate Transistors
PZTA42 MCC-PZTA42 Datasheet
643Kb / 3P
   NPN Plastic-Encapsulate Transistors
2SC4672-P MCC-2SC4672-P_13 Datasheet
654Kb / 3P
   NPN Plastic-Encapsulate Transistors
2SC1740S-Q MCC-2SC1740S-Q_13 Datasheet
381Kb / 2P
   NPN Plastic-Encapsulate Transistors
CXT5551 MCC-CXT5551_14 Datasheet
369Kb / 2P
   NPN Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com