Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G74DQER Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP1G74DQER
Description  LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G74DQER Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74AUP1G74DQER Datasheet HTML 6Page - Texas Instruments SN74AUP1G74DQER Datasheet HTML 7Page - Texas Instruments SN74AUP1G74DQER Datasheet HTML 8Page - Texas Instruments SN74AUP1G74DQER Datasheet HTML 9Page - Texas Instruments SN74AUP1G74DQER Datasheet HTML 10Page - Texas Instruments SN74AUP1G74DQER Datasheet HTML 11Page - Texas Instruments SN74AUP1G74DQER Datasheet HTML 12Page - Texas Instruments SN74AUP1G74DQER Datasheet HTML 13Page - Texas Instruments SN74AUP1G74DQER Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
SN74AUP1G74
SCES644C – MARCH 2006 – REVISED MARCH 2010
www.ti.com
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 30 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = –40°C to
TA = 25°C
FROM
TO
85°C
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
21
1.2 V ± 0.1 V
50
40
1.5 V ± 0.1 V
60
50
fmax
MHz
1.8 V ± 0.15 V
75
70
2.5 V ± 0.2 V
100
90
3.3 V ± 0.3 V
100
90
0.8 V
32
1.2 V ± 0.1 V
3
14
27
5.9
27
1.5 V ± 0.1 V
3
10
17
4.4
17.2
Q
1.8 V ± 0.15 V
3
8
13
3.6
13.4
2.5 V ± 0.2 V
3
6
9
3
9.2
3.3 V ± 0.3 V
3
5
7
2.6
7.2
CLK
0.8 V
40
1.2 V ± 0.1 V
3
13
26
5.5
25.9
1.5 V ± 0.1 V
3
9
16
4.1
16.8
tpd
Q
ns
1.8 V ± 0.15 V
3
7
13
3.5
13.2
2.5 V ± 0.2 V
3
5
9
2.7
9.2
3.3 V ± 0.3 V
3
5
7
2.4
7.2
0.8 V
38
1.2 V ± 0.1 V
3
13
26
3
27
1.5 V ± 0.1 V
3
9
17
3
17.4
PRE or CLR
Q or Q
1.8 V ± 0.15 V
3
8
13
3
14
2.5 V ± 0.2 V
3
6
9
3
10
3.3 V ± 0.3 V
3
5
7
2.5
8
OPERATING CHARACTERISTICS
TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
0.8 V
5.5
1.2 V ± 0.1 V
5.5
1.5 V ± 0.1 V
5.5
Cpd
Power dissipation capacitance
f = 10 MHz
pF
1.8 V ± 0.15 V
5.5
2.5 V ± 0.2 V
5.5
3.3 V ± 0.3 V
5.5
10
Submit Documentation Feedback
Copyright © 2006–2010, Texas Instruments Incorporated
Product Folder Link(s): SN74AUP1G74


Similar Part No. - SN74AUP1G74DQER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G74DQER TI1-SN74AUP1G74DQER Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
More results

Similar Description - SN74AUP1G74DQER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G74 TI1-SN74LVC2G74_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single Positive-Edge-Triggered D-Type Flip-Flop With Clear and Preset
SN74AUP1G74 TI-SN74AUP1G74 Datasheet
258Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC2G74 TI-SN74LVC2G74 Datasheet
355Kb / 15P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74AUC1G74 TI-SN74AUC1G74 Datasheet
266Kb / 12P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC2G74-EP TI1-SN74LVC2G74-EP Datasheet
451Kb / 12P
[Old version datasheet]   SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC2G74 TI-SN74LVC2G74_08 Datasheet
440Kb / 14P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC2G74-EP TI1-SN74LVC2G74-EP_15 Datasheet
753Kb / 12P
[Old version datasheet]   SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC2G74-Q1 TI1-SN74LVC2G74-Q1_15 Datasheet
770Kb / 14P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
logo
Unisonic Technologies
U74LVC1G74 UTC-U74LVC1G74 Datasheet
185Kb / 7P
   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
logo
Texas Instruments
SN74LVC2G74 TI-SN74LVC2G74_09 Datasheet
540Kb / 16P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com