Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AVCH4T245RSVRG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # 74AVCH4T245RSVRG4
Description  4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74AVCH4T245RSVRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button 74AVCH4T245RSVRG4 Datasheet HTML 4Page - Texas Instruments 74AVCH4T245RSVRG4 Datasheet HTML 5Page - Texas Instruments 74AVCH4T245RSVRG4 Datasheet HTML 6Page - Texas Instruments 74AVCH4T245RSVRG4 Datasheet HTML 7Page - Texas Instruments 74AVCH4T245RSVRG4 Datasheet HTML 8Page - Texas Instruments 74AVCH4T245RSVRG4 Datasheet HTML 9Page - Texas Instruments 74AVCH4T245RSVRG4 Datasheet HTML 10Page - Texas Instruments 74AVCH4T245RSVRG4 Datasheet HTML 11Page - Texas Instruments 74AVCH4T245RSVRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
www.ti.com
Switching Characteristics
Switching Characteristics
SN74AVCH4T245
4-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES577D – JUNE 2004 – REVISED JUNE 2007
over recommended operating free-air temperature range, VCCA = 2.5 V ± 0.2 V (see Figure 1)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
2.8
0.1
5.7
0.1
4.6
0.2
3.5
0.1
3.6
A
B
ns
tPHL
2.8
0.1
5.7
0.1
4.6
0.2
3.5
0.1
3.6
tPLH
2.7
0.6
4.2
0.4
3.9
0.2
3.4
0.2
3.3
B
A
ns
tPHL
2.7
0.6
4.2
0.4
3.9
0.2
3.4
0.2
3.3
tPZH
4
0.7
6.5
0.7
5.2
0.6
4.8
0.4
4.8
OE
A
ns
tPZL
4
0.7
6.5
0.7
5.2
0.6
4.8
0.4
4.8
tPZH
3.8
0.9
8.8
0.8
7
0.6
4.8
0.6
4
OE
B
ns
tPZL
3.8
0.9
8.8
0.8
7
0.6
4.8
0.6
4
tPHZ
4.7
1
8.4
1
8.4
1
6.2
1
6.6
OE
A
ns
tPLZ
4.7
1
8.4
1
8.4
1
6.2
1
6.6
tPHZ
4.5
1.5
9.4
1.3
8.2
1.1
6.2
0.9
5.2
OE
B
ns
tPLZ
4.5
1.5
8.8
1.3
8.2
1.1
6.2
0.9
5.2
over recommended operating free-air temperature range, VCCA = 3.3 V ± 0.3 V (see Figure 1)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
2.9
0.1
5.6
0.1
4.5
0.1
3.3
0.1
2.9
A
B
ns
tPHL
2.9
0.1
5.6
0.1
4.5
0.1
3.3
0.1
2.9
tPLH
2.6
0.6
4.2
0.4
3.4
0.2
3
0.1
2.8
B
A
ns
tPHL
2.6
0.6
4.2
0.4
3.4
0.2
3
0.1
2.8
tPZH
3.8
0.6
8.7
0.6
5.2
0.6
3.8
0.4
3.8
OE
A
ns
tPZL
3.8
0.6
8.7
0.6
5.2
0.6
3.8
0.4
3.8
tPZH
3.7
0.8
8.7
0.6
6.8
0.5
4.7
0.5
3.8
OE
B
ns
tPZL
3.7
0.8
8.7
0.6
6.8
0.5
4.7
0.5
3.8
tPHZ
4.8
0.7
9.3
0.7
8.3
0.7
5.6
0.7
6.6
OE
A
ns
tPLZ
4.8
0.7
9.3
0.7
8.3
0.7
5.6
0.7
6.6
tPHZ
5.3
1.4
9.3
1.2
8.1
1
6.4
0.8
6.2
OE
B
ns
tPLZ
5.3
1.4
9.3
1.2
8.1
1
6.4
0.8
6.2
8
Submit Documentation Feedback


Similar Part No. - 74AVCH4T245RSVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AVCH4T245RSVRG4 TI-74AVCH4T245RSVRG4 Datasheet
892Kb / 22P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVCH4T245RSVRG4 TI1-74AVCH4T245RSVRG4 Datasheet
1Mb / 37P
[Old version datasheet]   4-Bit Dual-Supply Bus Transceiver
74AVCH4T245RSVRG4 TI1-74AVCH4T245RSVRG4 Datasheet
1Mb / 38P
[Old version datasheet]   4-Bit Dual-Supply Bus Transceiver With Configurable Level-Shifting, Voltage Translation, and 3-State Outputs
More results

Similar Description - 74AVCH4T245RSVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC4T774 TI-SN74AVC4T774_1 Datasheet
837Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245 TI-SN74AVC4T245_07 Datasheet
716Kb / 24P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245_07 Datasheet
604Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245_10 Datasheet
892Kb / 22P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T774 TI-SN74AVC4T774_2 Datasheet
826Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245-Q1 TI1-SN74AVC4T245-Q1 Datasheet
646Kb / 16P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T774 TI-SN74AVC4T774 Datasheet
842Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245 TI-SN74AVC4T245_10 Datasheet
912Kb / 23P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245 Datasheet
383Kb / 17P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245 TI-SN74AVC4T245 Datasheet
397Kb / 18P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245_08 Datasheet
881Kb / 22P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com