Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ23C6V2-TP Datasheet(PDF) 4 Page - Micro Commercial Components

Part # AZ23C6V2-TP
Description  300 mW Zener Diode 2.7 to 51 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

AZ23C6V2-TP Datasheet(HTML) 4 Page - Micro Commercial Components

  AZ23C6V2-TP Datasheet HTML 1Page - Micro Commercial Components AZ23C6V2-TP Datasheet HTML 2Page - Micro Commercial Components AZ23C6V2-TP Datasheet HTML 3Page - Micro Commercial Components AZ23C6V2-TP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MCC
Revision: 2
2008/01/01
TM
Micro Commercial Components
www.mccsemi.com
4 of 4
products are represented on our website, harmless against all damages.
***APPLICATIONS DISCLAIMER***
***IMPORTANT NOTICE***
Aerospace or Military Applications.
Products offer by
Micro Commercial Components Corp . are not intended for use in Medical,
Micro Commercial Components Corp . reserves the right to make changes without further notice to any
product herein to make corrections, modifications , enhancements , improvements , or other changes .
Micro Commercial Components Corp . does not assume any liability arising out of the application or
use of any product described herein; neither does it convey any license under its patent rights ,nor
the rights of others . The user of products in such applications shall assume all risks of such use
and will agree to hold
Micro Commercial Components Corp . and all the companies whose
Ordering Information
Device
Packing
(Part Number)-TP
Tape&Reel;3Kpcs/Reel


Similar Part No. - AZ23C6V2-TP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZ23C6V2-7-F DIODES-AZ23C6V2-7-F Datasheet
448Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 9 - 2
logo
Vishay Siliconix
AZ23C6V2-G VISHAY-AZ23C6V2-G Datasheet
122Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.3, 08-Feb-13
AZ23C6V2-G VISHAY-AZ23C6V2-G Datasheet
122Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.3, 08-Feb-13
AZ23C6V2-G VISHAY-AZ23C6V2-G Datasheet
132Kb / 8P
   Small Signal Zener Diodes, Dual
Rev. 1.4, 04-Mar-14
AZ23C6V2-V VISHAY-AZ23C6V2-V Datasheet
190Kb / 9P
   Small Signal Zener Diodes, Dual
Rev. 1.5, 24-Mar-06
More results

Similar Description - AZ23C6V2-TP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BZT52B3V0BS MCC-BZT52B3V0BS Datasheet
389Kb / 3P
   400 mW Zener Diode 3.0 to 51 Volts
BZT52C2V4 MCC-BZT52C2V4_13 Datasheet
463Kb / 4P
   500 mW Zener Diode 2.4 to 51 Volts
MMXZ5229C MCC-MMXZ5229C Datasheet
376Kb / 4P
   200 mW Zener Diode 4.3 to 51 Volts
MMBZ5229C MCC-MMBZ5229C Datasheet
200Kb / 4P
   350 mW Zener Diode 4.3 to 51 Volts
AZ23C2V7W MCC-AZ23C2V7W_13 Datasheet
273Kb / 3P
   200 mW Zener Diode 2.7 to 39 Volts
BZT52C2V7L3P MCC-BZT52C2V7L3P Datasheet
530Kb / 4P
   100 mW Zener Diode 2.7 to 39 Volts
DZ23C2V4 MCC-DZ23C2V4_09 Datasheet
131Kb / 4P
   300 mW Zener Diode 2.4 to 75 Volts
DZ23C2V4 MCC-DZ23C2V4 Datasheet
261Kb / 4P
   300 mW Zener Diode 2.4 to 75 Volts
MMXZ5223B MCC-MMXZ5223B_13 Datasheet
375Kb / 5P
   200 mW Zener Diodes 2.7 to 39 Volts
1N5339B-TP MCC-1N5339B-TP Datasheet
333Kb / 6P
   5 Watt Zener Diode 5.1 to 51 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com