Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB040 Datasheet(PDF) 2 Page - Gulf Semiconductor

Part # SB040
Description  SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 40V CURRENT: 0.6A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

SB040 Datasheet(HTML) 2 Page - Gulf Semiconductor

  SB040 Datasheet HTML 1Page - Gulf Semiconductor SB040 Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
RATINGS AND CHARACTERISTIC CURVES SB020 THRU SB040
2 Rev.A6
www.gulfsemi.com


Similar Part No. - SB040

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SB040 GE-SB040 Datasheet
49Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
SB040 BILIN-SB040 Datasheet
47Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SB040 VISHAY-SB040 Datasheet
353Kb / 4P
   Miniature Schottky Barrier Rectifier
Revision: 25-Apr-08
SB040 VISHAY-SB040 Datasheet
71Kb / 4P
   Miniature Schottky Barrier Rectifier
Revision: 16-Oct-09
SB040 VISHAY-SB040 Datasheet
78Kb / 5P
   Miniature Schottky Barrier Plastic Rectifier
Revision: 13-Aug-13
More results

Similar Description - SB040

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N5817 GULFSEMI-1N5817 Datasheet
89Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 40V CURRENT: 1.0A
1N5820 GULFSEMI-1N5820 Datasheet
99Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 40V CURRENT: 3.0A
SB240A GULFSEMI-SB240A Datasheet
397Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 40V CURRENT: 2.0A
SB340S GULFSEMI-SB340S Datasheet
98Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 40V CURRENT: 3.0A
SB1040CT GULFSEMI-SB1040CT Datasheet
107Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 40V CURRENT: 10.0A
logo
Leshan Radio Company
LMBR0530ET1G LRC-LMBR0530ET1G Datasheet
422Kb / 11P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 0.5A
1N5817-E LRC-1N5817-E Datasheet
182Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 1.0A
LMBR0540FT1G LRC-LMBR0540FT1G Datasheet
878Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 0.5A
logo
AiT Semiconductor Inc.
MBR0520F AITSEMI-MBR0520F Datasheet
759Kb / 5P
   SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20 TO 40V FORWARD CURRENT 0.5A
REV1.0
logo
Leshan Radio Company
1N5820 LRC-1N5820_12 Datasheet
205Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 3.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com