Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP03-4805DB Datasheet(PDF) 2 Page - Recom International Power

Part # RP03-4805DB
Description  3 Watt DIP24 & SMD, Single, Dual & Dual Isolated Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP03-4805DB Datasheet(HTML) 2 Page - Recom International Power

  RP03-4805DB Datasheet HTML 1Page - Recom International Power RP03-4805DB Datasheet HTML 2Page - Recom International Power RP03-4805DB Datasheet HTML 3Page - Recom International Power RP03-4805DB Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.recom-international.com
171
April-2005
Specifications (typical at nominal input and 25°C unless otherwise noted)
POWERLINE
DC/DC-Converter
RP03-S_DB
(DB/DS) Series
125
75
50
25
0
100
Ambient Temperature Range (°C)
-25
-10 0
50 60 70 80 90 100
75
Natural Convection
125
75
50
25
0
100
Ambient Temperature Range (°C)
-40-25-10 0
50 60 70 80 90 100
85
Natural Convection
RP03-4805SB
RP03-4805SB/M1
Input Voltage Range
12V nominal input
9-18VDC
24V nominal input
18-36VDC
48V nominal input
36-75VDC
Input Filter
Pi Type
Input Surge Voltage (100 ms max.)
12V Input
36VDC
24V Input
50VDC
48V Input
100VDC
Input Reflected Ripple (nominal Vin and full load)
20mAp-p
Start Up Time (nominal Vin and constant resistor load)
350ms typ.
Output Power
3W max.
Output Voltage Accuracy (full Load and nominal Vin)
±2%
Minimum Load (see Note 1)
10% of FL
Line Regulation (LL-HL at full load)
±0.2%
Load Regulation (25% to 100% FL)
Single
±0.2%
Dual at DS
±1%
Cross Regulation (asymmetrical load 25%/100% FL)
±5%
Ripple and Noise (20MHz bandwith)
50mVp-p
Temperature Coefficient
±0.02%/°C, max.
Transient Response (25% load step change)
200µS
Over Load Protection (% of full load at nominal Vin)
180% typ
Short Circuit Protection
Continuous, automatic recovery
Efficiency
see „Selection Guide“ table
continued on next page
Derating-Graph (Ambient Temperature)
Derating graphes are valid only for the shown part numbers. If you need detailed derating-information about a
part-number not shown here please contact our technical customer service at info@recom-development.at


Similar Part No. - RP03-4805DB

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP03-4805DA RECOM-RP03-4805DA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
RP03-4805DC RECOM-RP03-4805DC Datasheet
101Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
RP03-4805DD RECOM-RP03-4805DD Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
RP03-4805DE RECOM-RP03-4805DE Datasheet
95Kb / 2P
   POWERLINE - DC/DC - CONVERTER
RP03-4805DE RECOM-RP03-4805DE Datasheet
102Kb / 4P
   3 Watt DIP4 & SMD, Single & Dual Isolated Output
More results

Similar Description - RP03-4805DB

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC3-053.3SR RECOM-REC3-053.3SR Datasheet
74Kb / 2P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-S_DRW RECOM-REC3-S_DRW Datasheet
135Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-050505DRWI RECOM-REC3-050505DRWI Datasheet
85Kb / 2P
   3 Watt DIP24 Isolated Dual Output
REC3-050505DRWI RECOM-REC3-050505DRWI_07 Datasheet
68Kb / 2P
   3 Watt DIP24 Isolated Dual Output
RP03-0533SG RECOM-RP03-0533SG Datasheet
99Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC3-123.3SRW RECOM-REC3-123.3SRW Datasheet
102Kb / 3P
   3 Watt DIP24 / SMD Single & Dual Output
REC3-S-DRW RECOM-REC3-S-DRW Datasheet
131Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
RP03-2405SD RECOM-RP03-2405SD Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
RP03-1205SC RECOM-RP03-1205SC Datasheet
101Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com