Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP20 Datasheet(PDF) 3 Page - Recom International Power

Part # RP20
Description  20 Watt Single, Dual & Triple Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP20 Datasheet(HTML) 3 Page - Recom International Power

  RP20 Datasheet HTML 1Page - Recom International Power RP20 Datasheet HTML 2Page - Recom International Power RP20 Datasheet HTML 3Page - Recom International Power RP20 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
230
www.recom-international.com
April-2005
Specifications (typical at nominal input and 25°C unless otherwise noted)
POWERLINE
DC/DC-Converter
RP20-S_D_TE
Series
Minimum Load (see Note 1)
10% of FL
Line Regulation (LL-HL at full load)
Single (W)
±0.2%
Dual (W)
±0.5%
Triple 3.3V, 5V
±1%
Auxiliary
±5%
Load Regulation (25% to 100% FL)
Single
±0.5%
Dual
±3%
Triple 3.3V, 5V
±2%
Auxiliary
±5%
Cross Regulation (Note 9)
Dual
±5%
Triple 3.3V, 5V
±2%
Auxiliary
±5%
Ripple and Noise (20MHz bandwith)
Single
75mVp-p
Dual
100mVp-p
Triple 3.3V, 5V
50mVp-p
Auxiliary
1% of Vout
Temperature Coefficient
±0.02%/°C, max.
Transient Response (25% load step change)
500µS
Over Voltage Protection
3.3V
3.9V
Zener diode clamp (only single)
5V
6.2V
12V
15V
15V
18V
Short Circuit Protection
Hiccup, automatic recovery
Efficiency
see „Selection Guide“ table
Isolation Voltage
1.600VDC min.
Isolation Resistance
109
Ω min.
Isolation Capacitance
300pF max.
Operating Frequency
300kHz typ.
Approved to Safety Standards (see note 10)
UL 1950, EN60950
Operating Temperature Range
-40°C to +85°C(with derating)
Maximum Case Temperature
+100°C
Storage Temperature Range
-55°C to +105°C
Thermal Impedance
Natural convection
10°C/Watt
Natural convection with Heat Sink
8.24°C/Watt
Thermal Shock
MIL-STD-810D
Vibration
10-55Hz, 2G, 30 Min. along X, Y and Z
Relative Humidity
5% to 95% RH
Case Material
Nickel-Coated copper
Base Material
Non-conductive black plastic
Potting Material
Epoxy (UL94-V0)
Conducted Emissions
EN55022
Level A
Radiated Emissions
EN55022
Level A
ESD
EN61000-4-2
Perf. Criteria 2
Radiated Immunity
EN61000-4-3
Perf. Criteria 2
Fast Transient
EN61000-4-4
Perf. Criteria 2
Surge
EN61000-4-5
Perf. Criteria 2
Conducted Immunity
EN61000-4-6
Perf. Criteria 2
continued on next page


Similar Part No. - RP20

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP20-11005SFR RECOM-RP20-11005SFR Datasheet
496Kb / 8P
   DC/DC Converter
RP20-11012DFR RECOM-RP20-11012DFR Datasheet
496Kb / 8P
   DC/DC Converter
RP20-11012SFR RECOM-RP20-11012SFR Datasheet
496Kb / 8P
   DC/DC Converter
RP20-11015DFR RECOM-RP20-11015DFR Datasheet
496Kb / 8P
   DC/DC Converter
RP20-11015SFR RECOM-RP20-11015SFR Datasheet
496Kb / 8P
   DC/DC Converter
More results

Similar Description - RP20

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC20-S-D-TA RECOM-RAC20-S-D-TA Datasheet
84Kb / 2P
   20 Watt Single/Dual & Triple Output
RP20-123.3SE RECOM-RP20-123.3SE_06 Datasheet
99Kb / 4P
   20 Watt Single, Dual & Triple Output
RAC20-A RECOM-RAC20-A Datasheet
84Kb / 2P
   20 Watt Single/Dual & Triple Output
REC20-123.3SRWB RECOM-REC20-123.3SRWB Datasheet
89Kb / 2P
   20 Watt 2??x 2??Single, Dual & Triple Output
RAC15-S-D-TA RECOM-RAC15-S-D-TA Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
RAC15-A RECOM-RAC15-A Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
RAC40-3.3SA RECOM-RAC40-3.3SA Datasheet
82Kb / 2P
   40 Watt Single, Dual & Triple Output
RP40-G RECOM-RP40-G Datasheet
555Kb / 10P
   40 Watt Single, Dual & Triple Output
RAC15-05SA RECOM-RAC15-05SA Datasheet
97Kb / 3P
   15 Watt Single, Dual & Triple Output
RAC15-3.3SB RECOM-RAC15-3.3SB Datasheet
99Kb / 2P
   15 Watt Single, Dual & Triple Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com