Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54HC164 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN54HC164
Description  8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54HC164 Datasheet(HTML) 1 Page - Texas Instruments

  SN54HC164_1 Datasheet HTML 1Page - Texas Instruments SN54HC164_1 Datasheet HTML 2Page - Texas Instruments SN54HC164_1 Datasheet HTML 3Page - Texas Instruments SN54HC164_1 Datasheet HTML 4Page - Texas Instruments SN54HC164_1 Datasheet HTML 5Page - Texas Instruments SN54HC164_1 Datasheet HTML 6Page - Texas Instruments SN54HC164_1 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SN54HC164, SN74HC164
8BIT PARALLELOUT SERIAL SHIFT REGISTERS
SCLS115D − DECEMBER 1982 − REVISED AUGUST 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 80-µA Max ICC
D Typical tpd = 20 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
D AND-Gated (Enable/Disable) Serial Inputs
D Fully Buffered Clock and Serial Inputs
D Direct Clear
description/ordering information
These 8-bit shift registers feature AND-gated
serial inputs and an asynchronous clear (CLR)
input. The gated serial (A and B) inputs permit
complete control over incoming data; a low at
either input inhibits entry of the new data and
resets the first flip-flop to the low level at the next
clock (CLK) pulse. A high-level input enables the
other input, which then determines the state of the
first flip-flop. Data at the serial inputs can be
changed while CLK is high or low, provided the
minimum setup time requirements are met.
Clocking occurs on the low-to-high-level transition
of CLK.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube of 25
SN74HC164N
SN74HC164N
Tube of 50
SN74HC164D
SOIC − D
Reel of 2500
SN74HC164DR
HC164
−40
°C to 85°C
SOIC − D
Reel of 250
SN74HC164DT
HC164
−40
°C to 85°C
SOP − NS
Reel of 2000
SN74HC164NSR
HC164
Tube of 90
SN74HC164PW
TSSOP − PW
Reel of 2000
SN74HC164PWR
HC164
TSSOP − PW
Reel of 250
SN74HC164PWT
HC164
CDIP − J
Tube of 25
SNJ54HC164J
SNJ54HC164J
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54HC164W
SNJ54HC164W
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54HC164FK
SNJ54HC164FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SN54HC164 ...J OR W PACKAGE
SN74HC164 . . . D, N, NS, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
A
B
QA
QB
QC
QD
GND
VCC
QH
QG
QF
QE
CLR
CLK
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
QG
NC
QF
NC
QE
QA
NC
QB
NC
QC
SN54HC164 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN54HC164_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC164 TI-SN54HC164_10 Datasheet
664Kb / 18P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN54HC164 TI1-SN54HC164_16 Datasheet
1Mb / 33P
[Old version datasheet]   8-Bit Parallel-Out Serial Shift Registers
More results

Similar Description - SN54HC164_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV164A TI-SN54LV164A_07 Datasheet
755Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN54HC164 TI-SN54HC164_03 Datasheet
593Kb / 20P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Diodes Incorporated
74AHCT164 DIODES-74AHCT164 Datasheet
541Kb / 10P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
74HC164 DIODES-74HC164 Datasheet
603Kb / 10P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN74HC164 TI-SN74HC164_09 Datasheet
708Kb / 18P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
ARTSCHIP ELECTRONICS CO...
MC74HC164 ARTSCHIP-MC74HC164 Datasheet
744Kb / 13P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN54HC164 TI1-SN54HC164_16 Datasheet
1Mb / 33P
[Old version datasheet]   8-Bit Parallel-Out Serial Shift Registers
SN54LV164A TI1-SN54LV164A_15 Datasheet
1Mb / 30P
[Old version datasheet]   8-Bit Parallel-Out Serial Shift Registers
SN74LV164 TI1-SN74LV164 Datasheet
162Kb / 8P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Diodes Incorporated
74AHC164 DIODES-74AHC164 Datasheet
634Kb / 11P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN54HC164 TI-SN54HC164 Datasheet
349Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com