Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTA123JE Datasheet(PDF) 3 Page - Micro Commercial Components

Part # DTA123JE
Description  PNP Digital Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DTA123JE Datasheet(HTML) 3 Page - Micro Commercial Components

  DTA123JE Datasheet HTML 1Page - Micro Commercial Components DTA123JE Datasheet HTML 2Page - Micro Commercial Components DTA123JE Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MCC
Revision: 3
2009/02/11
TM
Micro Commercial Components
www.mccsemi.com
3 of 3
products are represented on our website, harmless against all damages.
***APPLICATIONS DISCLAIMER***
***IMPORTANT NOTICE***
Aerospace or Military Applications.
Products offer by
Micro Commercial Components Corp . are not intended for use in Medical,
Micro Commercial Components Corp . reserves the right to make changes without further notice to any
product herein to make corrections, modifications , enhancements , improvements , or other changes .
Micro Commercial Components Corp . does not assume any liability arising out of the application or
use of any product described herein; neither does it convey any license under its patent rights ,nor
the rights of others . The user of products in such applications shall assume all risks of such use
and will agree to hold
Micro Commercial Components Corp . and all the companies whose
Ordering Information
Device
Packing
(Part Number)-TP
Tape&Reel;3Kpcs/Reel
3


Similar Part No. - DTA123JE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA123JE ROHM-DTA123JE Datasheet
106Kb / 4P
   Digital transistors (built-in resistors)
logo
ON Semiconductor
DTA123JE ONSEMI-DTA123JE Datasheet
183Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
logo
Weitron Technology
DTA123JE WEITRON-DTA123JE Datasheet
799Kb / 13P
   Bias Resistor Transistor PNP Silicon
logo
Rohm
DTA123JE ROHM-DTA123JE Datasheet
4Mb / 12P
   PNP -100mA -50V Digital Transistors
logo
SeCoS Halbleitertechnol...
DTA123JE SECOS-DTA123JE Datasheet
241Kb / 2P
   PNP Digital Transistors (Built-in Resistors)
More results

Similar Description - DTA123JE

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
DTA123Y SECOS-DTA123Y_15 Datasheet
557Kb / 2P
   PNP Digital Transistors
logo
Micro Commercial Compon...
DTA144ECA MCC-DTA144ECA_13 Datasheet
206Kb / 3P
   PNP Digital Transistors
logo
Guangdong Kexin Industr...
KTA143ZKA KEXIN-KTA143ZKA Datasheet
247Kb / 2P
   PNP Digital transistors
logo
Micro Commercial Compon...
DTA114EUA MCC-DTA114EUA_13 Datasheet
190Kb / 2P
   PNP Digital Transistors
DTA143ZUA MCC-DTA143ZUA_13 Datasheet
213Kb / 3P
   PNP Digital Transistors
DTA114ECA MCC-DTA114ECA_13 Datasheet
233Kb / 2P
   PNP Digital Transistors
DTA123JKA MCC-DTA123JKA Datasheet
1Mb / 2P
   PNP Digital Transistors
DTA143EKA MCC-DTA143EKA Datasheet
814Kb / 2P
   PNP Digital Transistors
DTA144EKA MCC-DTA144EKA Datasheet
828Kb / 2P
   PNP Digital Transistors
DTA144EUA MCC-DTA144EUA Datasheet
110Kb / 3P
   PNP Digital Transistors
logo
Shenzhen Jin Yu Semicon...
DTA114EE HTSEMI-DTA114EE Datasheet
348Kb / 2P
   Digital transistors (PNP)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com