Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV4052AD Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV4052AD
Description  DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV4052AD Datasheet(HTML) 1 Page - Texas Instruments

  SN74LV4052AD Datasheet HTML 1Page - Texas Instruments SN74LV4052AD Datasheet HTML 2Page - Texas Instruments SN74LV4052AD Datasheet HTML 3Page - Texas Instruments SN74LV4052AD Datasheet HTML 4Page - Texas Instruments SN74LV4052AD Datasheet HTML 5Page - Texas Instruments SN74LV4052AD Datasheet HTML 6Page - Texas Instruments SN74LV4052AD Datasheet HTML 7Page - Texas Instruments SN74LV4052AD Datasheet HTML 8Page - Texas Instruments SN74LV4052AD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
SN54LV4052A, SN74LV4052A
DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SCLS429H − MAY 1999 − REVISED APRIL 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 2-V to 5.5-V V
CC Operation
D Support Mixed-Mode Voltage Operation on
All Ports
D Fast Switching
D High On-Off Output-Voltage Ratio
D Low Crosstalk Between Switches
D Extremely Low Input Current
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
description/ordering information
These
dual
4-channel
CMOS
analog
multiplexers/demultiplexers are designed for 2-V
to 5.5-V VCC operation.
The ’LV4052A devices handle both analog and
digital signals. Each channel permits signals with
amplitudes up to 5.5 V (peak) to be transmitted in
either direction.
Applications include signal gating, chopping,
modulation or demodulation (modem), and signal
multiplexing for analog-to-digital and digital-to-
analog conversion systems.
ORDERING INFORMATION
TA
PACKAGE
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube of 25
SN74LV4052AN
SN74LV4052AN
QFN − RGY
Reel of 1000
SN74LV4052ARGYR
LW052A
SOIC
D
Tube of 40
SN74LV4052AD
LV4052A
SOIC − D
Reel of 2500
SN74LV4052ADR
LV4052A
40
°Cto85°C
SOP − NS
Reel of 2000
SN74LV4052ANSR
74LV4052A
−40
°C to 85°C
SSOP − DB
Reel of 2000
SN74LV4052ADBR
LW052A
Tube of 90
SN74LV4052APW
TSSOP − PW
Reel of 2000
SN74LV4052APWR
LW052A
TSSOP
PW
Reel of 250
SN74LV4052APWT
LW052A
TVSOP − DGV
Reel of 2000
SN74LV4052ADGVR
LW052A
55
°C to 125°C
CDIP − J
Tube of 25
SNJ54LV4052AJ
SNJ54LV4052AJ
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54LV4052AW
SNJ54LV4052AW
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
© 2005, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
2Y0
2Y2
2-COM
2Y3
2Y1
INH
GND
GND
VCC
1Y2
1Y1
1-COM
1Y0
1Y3
A
B
SN54LV4052A ...J OR W PACKAGE
SN74LV4052A ...D, DB, DGV, N, NS, OR PW PACKAGE
(TOP VIEW)
SN74LV4052A . . . RGY PACKAGE
(TOP VIEW)
116
89
2
3
4
5
6
7
15
14
13
12
11
10
1Y2
1Y1
1-COM
1Y0
1Y3
A
2Y2
2-COM
2Y3
2Y1
INH
GND


Similar Part No. - SN74LV4052AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV4052AD TI-SN74LV4052AD Datasheet
170Kb / 20P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4052AD TI-SN74LV4052AD Datasheet
915Kb / 24P
[Old version datasheet]   DEAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4052AD TI-SN74LV4052AD Datasheet
945Kb / 24P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4052AD TI-SN74LV4052AD Datasheet
673Kb / 22P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4052ADB TI-SN74LV4052ADB Datasheet
170Kb / 20P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
More results

Similar Description - SN74LV4052AD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052_15 Datasheet
163Kb / 14P
   Dual 4-channel Analog Multiplexers/Demultiplexers Triple 2-channel Analog Multiplexers/Demultiplexers
logo
Texas Instruments
SN74LV4052A-Q1 TI1-SN74LV4052A-Q1 Datasheet
805Kb / 18P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4052A TI-SN54LV4052A Datasheet
170Kb / 20P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052 Datasheet
157Kb / 12P
   Dual 4-channel Analog Multiplexers/Demultiplexers
logo
Texas Instruments
SN54LV4052A TI-SN54LV4052A_10 Datasheet
673Kb / 22P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Unisonic Technologies
U74LV4052 UTC-U74LV4052_15 Datasheet
307Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Texas Instruments
SN54LV4052A TI-SN54LV4052A_08 Datasheet
945Kb / 24P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4052A TI-SN54LV4052A_07 Datasheet
915Kb / 24P
[Old version datasheet]   DEAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Hitachi Semiconductor
HD74HC4052 HITACHI-HD74HC4052 Datasheet
82Kb / 16P
   Dual 4-channel, Triple 2-channel Analog Multiplexers/Demultiplexers/
logo
Unisonic Technologies
4052 UTC-4052_12 Datasheet
255Kb / 6P
   DIFFERENTIAL 4-CHANNEL ANALOG MULTIPLEXERS DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com