Electronic Components Datasheet Search |
|
SN74LV4052ANE4 Datasheet(PDF) 5 Page - Texas Instruments |
|
SN74LV4052ANE4 Datasheet(HTML) 5 Page - Texas Instruments |
5 / 24 page SN54LV4052A, SN74LV4052A DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS SCLS429H − MAY 1999 − REVISED APRIL 2005 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended operating free-air temperature range, VCC = 2.5 V ± 0.2 V (unless otherwise noted) PARAMETER FROM TO TEST TA = 25°C SN54LV4052A SN74LV4052A UNIT PARAMETER FROM (INPUT) TO (OUTPUT) TEST CONDITIONS MIN TYP MAX MIN MAX MIN MAX UNIT tPLH tPHL Propagation delay time COM or Y Y or COM CL = 15 pF, (see Figure 4) 1.9 10 16 16 ns tPZH tPZL Enable delay time INH COM or Y CL = 15 pF, (see Figure 5) 8 18 23 23 ns tPHZ tPLZ Disable delay time INH COM or Y CL = 15 pF, (see Figure 5) 8.3 18 23 23 ns tPLH tPHL Propagation delay time COM or Y Y or COM CL = 50 pF, (see Figure 4) 3.8 12 18 18 ns tPZH tPZL Enable delay time INH COM or Y CL = 50 pF, (see Figure 5) 9.4 28 35 35 ns tPHZ tPLZ Disable delay time INH COM or Y CL = 50 pF, (see Figure 5) 12.4 28 35 35 ns switching characteristics over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V (unless otherwise noted) PARAMETER FROM TO TEST TA = 25°C SN54LV4052A SN74LV4052A UNIT PARAMETER FROM (INPUT) TO (OUTPUT) TEST CONDITIONS MIN TYP MAX MIN MAX MIN MAX UNIT tPLH tPHL Propagation delay time COM or Y Y or COM CL = 15 pF, (see Figure 4) 1.2 6 10 10 ns tPZH tPZL Enable delay time INH COM or Y CL = 15 pF, (see Figure 5) 5.7 12 15 15 ns tPHZ tPLZ Disable delay time INH COM or Y CL = 15 pF, (see Figure 5) 6.6 12 15 15 ns tPLH tPHL Propagation delay time COM or Y Y or COM CL = 50 pF, (see Figure 4) 2.5 9 12 12 ns tPZH tPZL Enable delay time INH COM or Y CL = 50 pF, (see Figure 5) 6.7 20 25 25 ns tPHZ tPLZ Disable delay time INH COM or Y CL = 50 pF, (see Figure 5) 9.5 20 25 25 ns PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice. |
Similar Part No. - SN74LV4052ANE4 |
|
Similar Description - SN74LV4052ANE4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |