Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTA144EE-TP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # DTA144EE-TP
Description  PNP Digital Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DTA144EE-TP Datasheet(HTML) 1 Page - Micro Commercial Components

  DTA144EE-TP Datasheet HTML 1Page - Micro Commercial Components DTA144EE-TP Datasheet HTML 2Page - Micro Commercial Components DTA144EE-TP Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DTA144EE
Digital Transistors
Features
Built-in bias resistors enable the configuration of an inverter circuit
without connecting external input resistors
The bias resistors consist of thin-film resistors with complete
isolation to allow negative biasing of the input. They also have the
advantage of almost completely eliminating parasitic effects.
Only the on/off conditions need to be set for operation, making
device design easy
Absolute maximum ratings @ 25
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply voltage
---
-50
---
V
VIN
Input voltage
-40
---
10
V
IO
IC(MAX)
Output current
---
-30
-100
---
mA
Pd
Power dissipation
---
150
---
mW
Tj
Junction temperature
---
150
---
Tstg
Storage temperature
-55
---
150
Electrical Characteristics @ 25
Symbol
Parameter
Min
Typ
Max
Unit
VI(off)
---
---
-0.5
V
VI(on)
Input voltage (VCC=-5V, IO=-100
­A)
(VO=-0.3V, IO=-2mA)
-3.0
---
---
V
VO(on)
Output voltage (IO/II=-10mA/-0.5mA
---
---
-0.3
V
II
Input current (VI=-5V)
---
---
-0.18
mA
IO(off)
Output current (VCC=-50V, VI=0)
---
---
-0.5
­A
GI
DC current gain (VO=-5V, IO=-5mA)
68
---
---
R1
Input resistance
32.9
47
61.1
K
¡
R2/R1
Resistance ratio
0.8
1.0
1.2
fT
Transition frequency
(VCE=-10V, IE=5mA, f=100MHz)
---
250
---
MHz
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
3
200
9/02/11
PNP
SOT-523
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A.059
.067
1.50
1.70
B
.030
.033
0.75
0.85
C
.057
.069
1.45
1.75
D
.020 Nominal
0.50Nominal
E
.035
.043
0.90
1.10
G
.000
.004
.000
.100
H
.028
.031
.70
0.80
J
.004
.008
.100
.200
K
.010
.014
.25
.35
A
C
B
D
E
G
H
J
DIMENSIONS
K
3
1
2
1. IN
2. GND
3. OUT
TM
Micro Commercial Components
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0 and MSL Rating 1
www.mccsemi.com
1 of 3
*Marking: 16


Similar Part No. - DTA144EE-TP

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA144EE ROHM-DTA144EE Datasheet
69Kb / 3P
   Digital transistors (built-in resistors)
DTA144EE ROHM-DTA144EE Datasheet
571Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA144EE ROHM-DTA144EE Datasheet
88Kb / 4P
   Digital transistors (built-in resistors)
logo
Taiwan Semiconductor Co...
DTA144EE TSC-DTA144EE Datasheet
212Kb / 3P
   PNP Small Signal Transistor
logo
Jiangsu Changjiang Elec...
DTA144EE JIANGSU-DTA144EE Datasheet
120Kb / 2P
   Digital transistors (built-in resistors)
More results

Similar Description - DTA144EE-TP

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
DTA123Y SECOS-DTA123Y_15 Datasheet
557Kb / 2P
   PNP Digital Transistors
logo
Micro Commercial Compon...
DTA144ECA MCC-DTA144ECA_13 Datasheet
206Kb / 3P
   PNP Digital Transistors
logo
Guangdong Kexin Industr...
KTA143ZKA KEXIN-KTA143ZKA Datasheet
247Kb / 2P
   PNP Digital transistors
logo
Micro Commercial Compon...
DTA114EUA MCC-DTA114EUA_13 Datasheet
190Kb / 2P
   PNP Digital Transistors
DTA143ZUA MCC-DTA143ZUA_13 Datasheet
213Kb / 3P
   PNP Digital Transistors
DTA114ECA MCC-DTA114ECA_13 Datasheet
233Kb / 2P
   PNP Digital Transistors
DTA123JKA MCC-DTA123JKA Datasheet
1Mb / 2P
   PNP Digital Transistors
DTA143EKA MCC-DTA143EKA Datasheet
814Kb / 2P
   PNP Digital Transistors
DTA144EKA MCC-DTA144EKA Datasheet
828Kb / 2P
   PNP Digital Transistors
DTA144EUA MCC-DTA144EUA Datasheet
110Kb / 3P
   PNP Digital Transistors
logo
Shenzhen Jin Yu Semicon...
DTA114EE HTSEMI-DTA114EE Datasheet
348Kb / 2P
   Digital transistors (PNP)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com