Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP10-1212DE Datasheet(PDF) 4 Page - Recom International Power

Part # RP10-1212DE
Description  10 Watt 2inch x 1inch Package Single & Dual Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP10-1212DE Datasheet(HTML) 4 Page - Recom International Power

  RP10-1212DE Datasheet HTML 1Page - Recom International Power RP10-1212DE Datasheet HTML 2Page - Recom International Power RP10-1212DE Datasheet HTML 3Page - Recom International Power RP10-1212DE Datasheet HTML 4Page - Recom International Power RP10-1212DE Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.recom-international.com
209
April-2005
Specifications (typical at nominal input and 25°C unless otherwise noted)
POWERLINE
DC/DC-Converter
Thermal Impedance
Natural convection
12°C/Watt
Natural convection with Heat Sink
10°C/Watt
Thermal Shock
MIL-STD-810D
Vibration
10-55Hz, 2G, 30 Min. along X, Y and Z
Relative Humidity
5% to 95% RH
Case Material
Nickel-Coated copper
Base Material
Non-conductive black plastic
Potting Material
Epoxy (UL94-V0)
Conducted Emissions
EN55022
Level A
Radiated Emissions
EN55022
Level A
ESD
EN61000-4-2
Perf. Criteria 2
Radiated Immunity
EN61000-4-3
Perf. Criteria 2
Fast Transient
EN61000-4-4
Perf. Criteria 2
Surge
EN61000-4-5
Perf. Criteria 2
Conducted Immunity
EN61000-4-6
Perf. Criteria 2
Weight
27g
Dimensions
50.8 x 25.4 x 10.2mm
MTBF (see note 2)
1.976 x 106 Hours
RP10-S_DE
Series
Notes :
1. The RP10 (W) series required a minimum 10% loading on the output to maintain specified regulation.
Operation under no-load condition will not damage these devices, however they may not meet all listedspecification.
2. BELLCORE TR-NWT-000332. Case I: 50% Stress, Temperature at 40ºC. (Ground fixed and controlled environment).
3. Simulated source impedance of 12uH. 12uH inductor in series with +Vin.
4. Maximum value at nominal input voltage and full load of standard type.
5. Typical value at nominal input voltage and full load.
6. Test by minimum Vin and constant resistor load.
7. The ON/OFF control function can be positive or negative logic. The pin voltage is referenced to negative input.
Positive logic ON/OFF is standard, no suffix (Ex. RP10-2405SE)
Negative logic ON/OFF is marked with suffix-N (Ex. RP10-2405SE/N).
8. Heat sink is optional and P/N: 7G-0020A.
9. The M1 version (RP10-xxxxSE/M1, RP10-xxxxDE/M1) does not carry the UL certification.
10.M1 version is more efficient, therefore, it can be operated in a more extensive temperature range than standard version.
11. See application notes for EMI-filtering.


Similar Part No. - RP10-1212DE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP10-1212DE RECOM-RP10-1212DE Datasheet
101Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
RP10-1212DE RECOM-RP10-1212DE Datasheet
593Kb / 7P
   10 Watt Single & Dual Output
RP10-1212DEM2 RECOM-RP10-1212DEM2 Datasheet
101Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
RP10-1212DEN RECOM-RP10-1212DEN Datasheet
101Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
RP10-1212DEP RECOM-RP10-1212DEP Datasheet
101Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
More results

Similar Description - RP10-1212DE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP10-2405SEW RECOM-RP10-2405SEW Datasheet
99Kb / 5P
   10 Watt 2inch x 1inch Package Single & Dual Output
RP15-1233SF RECOM-RP15-1233SF Datasheet
97Kb / 4P
   15 Watt 2inch x 1inch Package Single & Dual Output
RP20-121.5SF RECOM-RP20-121.5SF Datasheet
96Kb / 4P
   20 Watt 2inch x 1inch Package Single & Dual Output
RP10-123.3SE RECOM-RP10-123.3SE_06 Datasheet
101Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
RP10-2405SEW RECOM-RP10-2405SEW_06 Datasheet
93Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
REC10-123.3SRW RECOM-REC10-123.3SRW Datasheet
82Kb / 2P
   10 Watt 1??x 2??Single & Dual Output
RP15-123.3SF RECOM-RP15-123.3SF_06 Datasheet
95Kb / 4P
   15 Watt 2??x 1??Package Single & Dual Output
RP20-121.5SF RECOM-RP20-121.5SF_06 Datasheet
86Kb / 4P
   20 Watt 2??x 1??Package Single & Dual Output
RP10-AW RECOM-RP10-AW Datasheet
521Kb / 7P
   10 Watt Single & Dual Output
RP10-E RECOM-RP10-E Datasheet
593Kb / 7P
   10 Watt Single & Dual Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com