Electronic Components Datasheet Search |
|
RP40-1212SE Datasheet(PDF) 5 Page - Recom International Power |
|
RP40-1212SE Datasheet(HTML) 5 Page - Recom International Power |
5 / 5 page 252 www.recom-international.com 21-July-2005 Converter 2 Converter 1 Sync + Sync + CLK 2 4 3 2 4 3 + Vin Vin 2N7000 20% CLK Signal 80% Converter CTRL + ON/OFF Control 2 1 3 + Vin Vin 1. The unit is capable of external synchronization from an independent time base with a switching rate between 200kHz and 215 kHz. 2. The amplitude of the synchronizing pulse train is TTL compatible. 3. The duty cycle of the CLK should be 20% high and 80% low. 4. Synchronization is referenced to negative input (–Vin). Trim Up RU Trim Down RD 7(7) [9] {6} 6(8) [10] {8} 5(5) [8] {5} 6(8) [10] {8} External Output Trimming Output can be externally trimmed by using the method shown below. ( ) for dual output trim [ ] for triple output trim { } for RP40-xx3.305DE only trim 3.3V / 5V Application of Synchronization POWERLINE DC/DC-Converter RP40-S_D_TE Series |
Similar Part No. - RP40-1212SE |
|
Similar Description - RP40-1212SE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |