Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3788IUHTRPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3788IUHTRPBF
Description  2-Phase, Dual Output Synchronous Boost Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3788IUHTRPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3788IUHTRPBF Datasheet HTML 4Page - Linear Technology LTC3788IUHTRPBF Datasheet HTML 5Page - Linear Technology LTC3788IUHTRPBF Datasheet HTML 6Page - Linear Technology LTC3788IUHTRPBF Datasheet HTML 7Page - Linear Technology LTC3788IUHTRPBF Datasheet HTML 8Page - Linear Technology LTC3788IUHTRPBF Datasheet HTML 9Page - Linear Technology LTC3788IUHTRPBF Datasheet HTML 10Page - Linear Technology LTC3788IUHTRPBF Datasheet HTML 11Page - Linear Technology LTC3788IUHTRPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LTC3788
8
3788fa
SENSE Pin Input Current
vs Temperature
Oscillator Frequency
vs Temperature
Maximum Current Sense
Threshold vs ITH Voltage
SENSE Pin Input Current
vs VSENSE Voltage
SENSE Pin Input Current
vs ITH Voltage
Oscillator Frequency
vs Input Voltage
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (°C)
–45
300
350
600
450
5
55
80
500
550
400
–20
30
105
130
3788 G19
FREQ = GND
FREQ = INTVCC
15
510
20
25
30
35
40
INPUT VOLTAGE (V)
344
354
356
358
360
350
342
352
340
348
346
3788 G20
FREQ = GND
ITH VOLTAGE (V)
0
80
120
100
0.6
1.0
3788 G21
40
0
0.2
0.4
0.8
1.2
1.4
–40
60
20
–20
–60
ILIM = GND
ILIM = FLOAT
ILIM = INTVCC
Burst Mode
OPERATION
PULSE SKIPPING MODE
FORCED CONTINUOUS MODE
TEMPERATURE (°C)
–45
5
55
80
0
80
40
160
200
240
120
20
100
60
180
220
260
140
–20
30
105
130
3788 G22
SENSE+ PIN
SENSE PIN
VSENSE = 12V
ILIM = FLOAT
ITH VOLTAGE (V)
0
1
2
2.5
0
80
40
160
200
240
120
20
100
60
180
220
260
140
0.5
1.5
3
3788 G23
SENSE+ PIN
SENSE PIN
VSENSE = 12V
ILIM = INTVCC
ILIM = FLOAT
ILIM = GND
ILIM = INTVCC
ILIM = FLOAT
ILIM = GND
VSENSE COMMON MODE VOLTAGE (V)
2.5
17.5
27.5
32.5
0
80
40
160
200
240
120
20
100
60
180
220
260
140
7.5
12.5
22.5
37.5
3788 G24
SENSE+ PIN
SENSE PIN
ILIM = INTVCC
ILIM = FLOAT
ILIM = GND
ILIM = INTVCC
ILIM = FLOAT
ILIM = GND


Similar Part No. - LTC3788IUHTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3788IUHTRPBF LINER-LTC3788IUHTRPBF Datasheet
427Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
More results

Similar Description - LTC3788IUHTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3788-1 LINER-LTC3788-1 Datasheet
415Kb / 28P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788 Datasheet
427Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788-1 LINER-LTC3788-1_1 Datasheet
366Kb / 30P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788_15 Datasheet
411Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788-1 LINER-LTC3788-1_15 Datasheet
387Kb / 30P
   2-Phase, Dual Output Synchronous Boost Controller
logo
Analog Devices
LTC7840 AD-LTC7840 Datasheet
1Mb / 38P
   2-Phase Dual Output Nonsynchronous Boost Controller with Hiccup Mode
Rev 0
logo
Linear Technology
LTC3736 LINER-LTC3736 Datasheet
348Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736 LINER-LTC3736_15 Datasheet
441Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2 Datasheet
417Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2_15 Datasheet
354Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com