Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM26LV31EIDR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # AM26LV31EIDR
Description  LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26LV31EIDR Datasheet(HTML) 5 Page - Texas Instruments

  AM26LV31EIDR Datasheet HTML 1Page - Texas Instruments AM26LV31EIDR Datasheet HTML 2Page - Texas Instruments AM26LV31EIDR Datasheet HTML 3Page - Texas Instruments AM26LV31EIDR Datasheet HTML 4Page - Texas Instruments AM26LV31EIDR Datasheet HTML 5Page - Texas Instruments AM26LV31EIDR Datasheet HTML 6Page - Texas Instruments AM26LV31EIDR Datasheet HTML 7Page - Texas Instruments AM26LV31EIDR Datasheet HTML 8Page - Texas Instruments AM26LV31EIDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
SWITCHING CHARACTERISTICS
ESD PROTECTION
AM26LV31E
www.ti.com............................................................................................................................................................... SLLS848A – APRIL 2008 – REVISED MAY 2008
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
tPHL
Propagation delay time, high- to low-level output
4
8
12
ns
See Figure 2
tPLH
Propagation delay time, low- to high-level output
4
8
12
ns
tt
Transition time (tr or tf)
See Figure 2
5
10
ns
tPZH
Output-enable time to high level
See Figure 3
10
20
ns
tPZL
Output-enable time to low level
See Figure 4
10
20
ns
tPHZ
Output-disable time from high level
See Figure 3
10
20
ns
tPLZ
Output-disable time from low level
See Figure 4
10
20
ns
tsk(p)
Pulse skew
0.5
1.5
ns
tsk(o)
Skew limit (pin to pin)
See Figure 2(2)(3)
1.5
ns
tsk(lim)
Skew limit (device to device)
3
ns
f(max)
Maximum operating frequency
See Figure 2
32
MHz
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
Pulse skew is defined as the |tPLH – tPHL| of each channel of the same device.
(3)
Skew limit (device to device) is the maximum difference in propagation delay times between any two channels of any two devices.
PARAMETER
TEST CONDITIONS
TYP
UNIT
HBM
±15
Driver output
IEC61000-4-2, Air-Gap Discharge
±15
kV
IEC61000-4-2, Contact Discharge
±8
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): AM26LV31E


Similar Part No. - AM26LV31EIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26LV31EIDR TI-AM26LV31EIDR Datasheet
810Kb / 18P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
More results

Similar Description - AM26LV31EIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26LV31E TI-AM26LV31E Datasheet
810Kb / 18P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV31E-EP TI-AM26LV31E-EP Datasheet
353Kb / 12P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV32E TI-AM26LV32E_10 Datasheet
632Kb / 18P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV32E TI-AM26LV32E Datasheet
753Kb / 17P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV32E-EP TI-AM26LV32E-EP Datasheet
326Kb / 11P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV31 TI-AM26LV31 Datasheet
113Kb / 8P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER
REVISED DECEMBER 1999
SN65C1167E TI-SN65C1167E Datasheet
741Kb / 19P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS WITH 짹15-kV ESD PROTECTION
MAX3232E-Q1 TI1-MAX3232E-Q1 Datasheet
200Kb / 10P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3243E TI-TRS3243E_09 Datasheet
764Kb / 26P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232E TI-MAX3232E_10 Datasheet
425Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com