Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTC114TE Datasheet(PDF) 1 Page - Micro Commercial Components

Part # DTC114TE
Description  NPN Digital Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DTC114TE Datasheet(HTML) 1 Page - Micro Commercial Components

  DTC114TE_09 Datasheet HTML 1Page - Micro Commercial Components DTC114TE_09 Datasheet HTML 2Page - Micro Commercial Components DTC114TE_09 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DTC114TE
NPN Digital Transistor
Features
Built-in bias resistors enable the configuration of an inverter circuit
without connecting external input resistors (see equivalent circuit)
The bias resistors consist of thin-film resistors with complete
isolation to allow negative biasing of the input. They also have the
advantage of almost completely eliminating parasitic effects
Only the on/off conditions need to be set for operation, making
device design easy
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base voltage
VEBO
5
V
Collector Current-Continuous
IC
100
mA
Collector Dissipation
PC
150
mW
Junction Temperature
TJ
150
Storage Temperature Range
TSTG
-55~150
Electrical Characteristics
Sym
Parameter
Min
Typ
Max
Unit
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=50uA, IE=0)
50
---
---
V
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=1mA, IB=0)
50
---
---
V
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=50uA, IC=0)
5
---
---
V
ICBO
Collector Cut-off Current
(VCB=50V, IE=0)
---
---
0.5
uA
IEBO
Emitter Cut-off Current
(VEB=4V, IC=0)
hFE
DC Current Gain
(VCE=5V, IC=1mA)
100
300
600
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=10mA, IB=1mA)
---
---
0.3
V
R1
Input Resistor
7
10
13
K
fT
Transition Frequency
(VCE=10V, IC=-5mA, f=100MHz)
---
250
---
MHz
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.059
.067
1.50
1.70
B
.030
.033
0.75
0.85
C
.057
.069
1.45
1.75
D
.020 Nominal
0.50Nominal
E
.035
.043
0.90
1.10
G
.000
.004
.000
.100
H
.028
.031
.70
0.80
J
.004
.008
.100
.200
K
.010
.014
.25
.35
A
C
B
D
E
G
H
J
DIMENSIONS
K
3
1
2
1. Base
2. Emitter
3. Collector
TM
Micro Commercial Components
Revision:
3
200
9/02/11
---
---
0.5
uA
SOT-523
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
and MSL Rating 1
www.mccsemi.com
1 of
3
*Marking: 04


Similar Part No. - DTC114TE_09

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC114TE ROHM-DTC114TE_09 Datasheet
85Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
More results

Similar Description - DTC114TE_09

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
EMH3 HTSEMI-EMH3 Datasheet
481Kb / 1P
   DIGITAL TRANSISTOR (NPN NPN)
EMH4 HTSEMI-EMH4 Datasheet
447Kb / 1P
   digital transistor (NPN NPN)
EMH9 HTSEMI-EMH9 Datasheet
546Kb / 1P
   digital transistor (NPN NPN)
UMG2N HTSEMI-UMG2N Datasheet
1,003Kb / 1P
   DIGITAL TRANSISTOR (NPN NPN)
UMH15N HTSEMI-UMH15N Datasheet
860Kb / 1P
   DIGITAL TRANSISTOR (NPNNPN)
logo
Unisonic Technologies
DTC114E UTC-DTC114E_15 Datasheet
199Kb / 3P
   NPN DIGITAL TRANSISTOR
DTC123Y UTC-DTC123Y_15 Datasheet
160Kb / 3P
   NPN DIGITAL TRANSISTOR
logo
Weitron Technology
DTC114ECA WEITRON-DTC114ECA Datasheet
778Kb / 3P
   NPN DIGITAL TRANSISTOR
DTC114ESA WEITRON-DTC114ESA Datasheet
470Kb / 3P
   NPN DIGITAL TRANSISTOR
logo
Jiangsu Changjiang Elec...
DTC143ZCA-SOT-23 JIANGSU-DTC143ZCA-SOT-23 Datasheet
48Kb / 1P
   DIGITAL TRANSISTOR(NPN)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com