Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNJ54HC165FK Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ54HC165FK
Description  8-BIT PARALLEL-LOAD SHIFT REGISTERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ54HC165FK Datasheet(HTML) 2 Page - Texas Instruments

  SNJ54HC165FK Datasheet HTML 1Page - Texas Instruments SNJ54HC165FK Datasheet HTML 2Page - Texas Instruments SNJ54HC165FK Datasheet HTML 3Page - Texas Instruments SNJ54HC165FK Datasheet HTML 4Page - Texas Instruments SNJ54HC165FK Datasheet HTML 5Page - Texas Instruments SNJ54HC165FK Datasheet HTML 6Page - Texas Instruments SNJ54HC165FK Datasheet HTML 7Page - Texas Instruments SNJ54HC165FK Datasheet HTML 8Page - Texas Instruments SNJ54HC165FK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
SN54HC165, SN74HC165
8BIT PARALLELLOAD SHIFT REGISTERS
SCLS116E − DECEMBER 1982 − REVISED SEPTEMBER 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description/ordering information (continued)
Clocking is accomplished by a low-to-high transition of the clock (CLK) input while SH/LD is held high and CLK
INH is held low. The functions of CLK and CLK INH are interchangeable. Since a low CLK and a low-to-high
transition of CLK INH also accomplish clocking, CLK INH should be changed to the high level only while CLK
is high. Parallel loading is inhibited when SH/LD is held high. While SH/LD is low, the parallel inputs to the
register are enabled independently of the levels of the CLK, CLK INH, or serial (SER) inputs.
FUNCTION TABLE
INPUTS
FUNCTION
SH/LD
CLK
CLK INH
FUNCTION
L
X
X
Parallel load
H
H
X
No change
H
X
H
No change
H
L
Shift†
H
L
Shift†
† Shift = content of each internal register shifts
toward serial output QH. Data at SER is
shifted into the first register.
logic diagram (positive logic)
S
1D
R
C1
S
1D
R
C1
S
1D
R
C1
S
1D
R
C1
S
1D
R
C1
S
1D
R
C1
S
1D
R
C1
S
1D
R
C1
1
15
2
10
SH/LD
CLK INH
CLK
SER
9
7
QH
QH
11
12
13
14
3
4
5
6
AB
C
D
EF
G
H
Pin numbers shown are for the D, DB, J, N, NS, PW, and W packages.


Similar Part No. - SNJ54HC165FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54HC165FK TI-SNJ54HC165FK Datasheet
579Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SNJ54HC165FK TI1-SNJ54HC165FK Datasheet
1Mb / 31P
[Old version datasheet]   8-Bit Parallel-Load Shift Registers
More results

Similar Description - SNJ54HC165FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC165 TI-SN54HC165 Datasheet
579Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165 TI-SN54LV165 Datasheet
168Kb / 8P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI-SN54HC166_07 Datasheet
636Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165A_101 TI-SN54LV165A_101 Datasheet
730Kb / 22P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54166 TI-SN54166 Datasheet
646Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI1-SN54HC166_16 Datasheet
1Mb / 34P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165_07 Datasheet
342Kb / 15P
[Old version datasheet]   PARALLEL-LOAD-8-BIT SHIFT REGISTERS
SN54165 TI-SN54165 Datasheet
199Kb / 13P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI-SN54165_08 Datasheet
371Kb / 15P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI1-SN54165_15 Datasheet
755Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com