Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC165DRE4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC165DRE4
Description  8-BIT PARALLEL-LOAD SHIFT REGISTERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC165DRE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74HC165DRE4 Datasheet HTML 1Page - Texas Instruments SN74HC165DRE4 Datasheet HTML 2Page - Texas Instruments SN74HC165DRE4 Datasheet HTML 3Page - Texas Instruments SN74HC165DRE4 Datasheet HTML 4Page - Texas Instruments SN74HC165DRE4 Datasheet HTML 5Page - Texas Instruments SN74HC165DRE4 Datasheet HTML 6Page - Texas Instruments SN74HC165DRE4 Datasheet HTML 7Page - Texas Instruments SN74HC165DRE4 Datasheet HTML 8Page - Texas Instruments SN74HC165DRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
SN54HC165, SN74HC165
8BIT PARALLELLOAD SHIFT REGISTERS
SCLS116E − DECEMBER 1982 − REVISED SEPTEMBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 80-µA Max ICC
D Typical tpd = 13 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
D Complementary Outputs
D Direct Overriding Load (Data) Inputs
D Gated Clock Inputs
D Parallel-to-Serial Data Conversion
SN54HC165 ...J OR W PACKAGE
SN74HC165 . . . D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
D
C
NC
B
A
E
F
NC
G
H
SN54HC165 . . . FK PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SH/LD
CLK
E
F
G
H
QH
GND
VCC
CLK INH
D
C
B
A
SER
QH
NC − No internal connection
description/ordering information
The ’HC165 devices are 8-bit parallel-load shift registers that, when clocked, shift the data toward a serial (QH)
output. Parallel-in access to each stage is provided by eight individual direct data (A−H) inputs that are enabled
by a low level at the shift/load (SH/LD) input. The ’HC165 devices also feature a clock-inhibit (CLK INH) function
and a complementary serial (QH) output.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube of 25
SN74HC165N
SN74HC165N
Tube of 40
SN74HC165D
SOIC − D
Reel of 2500
SN74HC165DR
HC165
SOIC − D
Reel of 250
SN74HC165DT
HC165
−40
°C to 85°C
SOP − NS
Reel of 2000
SN74HC165NSR
HC165
−40 C to 85 C
SSOP − DB
Reel of 2000
SN74HC165DBR
HC165
Tube of 90
SN74HC165PW
TSSOP − PW
Reel of 2000
SN74HC165PWR
HC165
TSSOP − PW
Reel of 250
SN74HC165PWT
HC165
CDIP − J
Tube of 25
SNJ54HC165J
SNJ54HC165J
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54HC165W
SNJ54HC165W
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54HC165FK
SNJ54HC165FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN74HC165DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC165DRE4 TI-SN74HC165DRE4 Datasheet
579Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN74HC165DRE4 TI1-SN74HC165DRE4 Datasheet
1Mb / 31P
[Old version datasheet]   8-Bit Parallel-Load Shift Registers
More results

Similar Description - SN74HC165DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC165 TI-SN54HC165 Datasheet
579Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165 TI-SN54LV165 Datasheet
168Kb / 8P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI-SN54HC166_07 Datasheet
636Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165A_101 TI-SN54LV165A_101 Datasheet
730Kb / 22P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54166 TI-SN54166 Datasheet
646Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI1-SN54HC166_16 Datasheet
1Mb / 34P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165_07 Datasheet
342Kb / 15P
[Old version datasheet]   PARALLEL-LOAD-8-BIT SHIFT REGISTERS
SN54165 TI-SN54165 Datasheet
199Kb / 13P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI-SN54165_08 Datasheet
371Kb / 15P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI1-SN54165_15 Datasheet
755Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com