Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTC114TUA Datasheet(PDF) 3 Page - Micro Commercial Components

Part # DTC114TUA
Description  NPN Digital Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DTC114TUA Datasheet(HTML) 3 Page - Micro Commercial Components

  DTC114TUA_09 Datasheet HTML 1Page - Micro Commercial Components DTC114TUA_09 Datasheet HTML 2Page - Micro Commercial Components DTC114TUA_09 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MCC
Revision: 3
2009/02/11
TM
Micro Commercial Components
www.mccsemi.com
3 of 3
products are represented on our website, harmless against all damages.
***APPLICATIONS DISCLAIMER***
***IMPORTANT NOTICE***
Aerospace or Military Applications.
Products offer by
Micro Commercial Components Corp . are not intended for use in Medical,
Micro Commercial Components Corp . reserves the right to make changes without further notice to any
product herein to make corrections, modifications , enhancements , improvements , or other changes .
Micro Commercial Components Corp . does not assume any liability arising out of the application or
use of any product described herein; neither does it convey any license under its patent rights ,nor
the rights of others . The user of products in such applications shall assume all risks of such use
and will agree to hold
Micro Commercial Components Corp . and all the companies whose
Ordering Information
Device
Packing
(Part Number)-TP
Tape&Reel;3Kpcs/Reel
3


Similar Part No. - DTC114TUA_09

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
DTC114TUA-SOT-323 JIANGSU-DTC114TUA-SOT-323 Datasheet
76Kb / 1P
   TRANSISTOR (NPN)
logo
Rohm
DTC114TUAFRA ROHM-DTC114TUAFRA Datasheet
1,003Kb / 7P
   NPN 100mA 50V Digital Transistor
logo
Micro Commercial Compon...
DTC114TUA MCC-DTC114TUA_11 Datasheet
220Kb / 3P
   NPN Digital Transistor
DTC114TUA MCC-DTC114TUA_13 Datasheet
276Kb / 3P
   NPN Digital Transistor
More results

Similar Description - DTC114TUA_09

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
EMH3 HTSEMI-EMH3 Datasheet
481Kb / 1P
   DIGITAL TRANSISTOR (NPN NPN)
EMH4 HTSEMI-EMH4 Datasheet
447Kb / 1P
   digital transistor (NPN NPN)
EMH9 HTSEMI-EMH9 Datasheet
546Kb / 1P
   digital transistor (NPN NPN)
UMG2N HTSEMI-UMG2N Datasheet
1,003Kb / 1P
   DIGITAL TRANSISTOR (NPN NPN)
UMH15N HTSEMI-UMH15N Datasheet
860Kb / 1P
   DIGITAL TRANSISTOR (NPNNPN)
logo
Unisonic Technologies
DTC114E UTC-DTC114E_15 Datasheet
199Kb / 3P
   NPN DIGITAL TRANSISTOR
DTC123Y UTC-DTC123Y_15 Datasheet
160Kb / 3P
   NPN DIGITAL TRANSISTOR
logo
Weitron Technology
DTC114ECA WEITRON-DTC114ECA Datasheet
778Kb / 3P
   NPN DIGITAL TRANSISTOR
DTC114ESA WEITRON-DTC114ESA Datasheet
470Kb / 3P
   NPN DIGITAL TRANSISTOR
logo
Jiangsu Changjiang Elec...
DTC143ZCA-SOT-23 JIANGSU-DTC143ZCA-SOT-23 Datasheet
48Kb / 1P
   DIGITAL TRANSISTOR(NPN)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com