Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MV60538.MP8A Datasheet(PDF) 5 Page - QT Optoelectronics

Part # MV60538.MP8A
Description  PCB MOUNT LED INDICATORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QT [QT Optoelectronics]
Direct Link  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

MV60538.MP8A Datasheet(HTML) 5 Page - QT Optoelectronics

  MV60538.MP8A Datasheet HTML 1Page - QT Optoelectronics MV60538.MP8A Datasheet HTML 2Page - QT Optoelectronics MV60538.MP8A Datasheet HTML 3Page - QT Optoelectronics MV60538.MP8A Datasheet HTML 4Page - QT Optoelectronics MV60538.MP8A Datasheet HTML 5Page - QT Optoelectronics MV60538.MP8A Datasheet HTML 6Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PCB MOUNT LED INDICATORS
Page 5 of 6
@
DIM A
PKG.
PART NUMBER
COLOR
VF
mcd
mA
in.
(mm) FIG.
MV60538.MP8
RED
1.7
2.0
20
.140
(3.56)
8
MV63538.MP8
YLW
2.1
18.0
20
.140
(3.56)
8
MV64538.MP8
GRN
2.2
26.0
20
.140
(3.56)
8
MV67538.MP8
H-E RED
2.1
14.0
20
.140
(3.56)
8
MV60539.MP8
RED
1.7
3.2
20
.195
(4.95)
8
MV63539.MP8
YLW
2.1
20.0
20
.195
(4.95)
8
MV64539.MP8
GRN
2.2
28.0
20
.195
(4.95)
8
MV67539.MP8
H-E RED
2.1
15.0
20
.195
(4.95)
8
LOW CURRENT (2mA)
HLMP-47009.MP8
H-E RED
1.8
2.0
2
.195
(4.95)
8
HLMP-47199.MP8
YLW
1.9
2.0
2
.195
(4.95)
8
HLMP-47409.MP8
GRN
1.9
3.0
2
.195
(4.95)
8
ULTRA BRIGHT
MV33509.MP8
YLW*
2.2
150.0
20
.195
(4.95)
8
MV34509.MP8
GRN*
2.2
150.0
20
.195
(4.95)
8
MV37509.MP8
H-E RED*
2.2
150.0
20
.195
(4.95)
8
INTEGRAL RESISTOR
MR30509.MP8
RED
5.0
2.0
13
.195
(4.95)
8
MR30519.MP8
RED
12.0
2.0
13
.195
(4.95)
8
MR33509.MP8
YLW
5.0
4.0
10
.195
(4.95)
8
MR33519.MP8
YLW
12.0
4.0
13
.195
(4.95)
8
MR34509.MP8
GRN
5.0
4.0
12
.195
(4.95)
8
MR34519.MP8
GRN
12.0
4.0
13
.195
(4.95)
8
MR37509.MP8
H-E RED
5.0
4.0
10
.195
(4.95)
8
MR37519.MP8
H-E RED
12.0
4.0
13
.195
(4.95)
8
BICOLOR**
MV54919.MP8
RED/GRN
2.3
6.0
20
.195
(4.95)
8
T-1 3/4 (5mm) multiple
PACKAGE DIMENSIONS
CATHODE**
.250 TYP
(6.35)
.190
(4.83)
.020 TYP
(.51)
.100
(2.54)
.015
TYP
.100 TYP
(2.54)
.250
(6.35)
.145 MIN
(3.68)
.250 TYP
(6.35)
1.01
(25.65)
DIM A
@
DIM A
PKG.
PART NUMBER
COLOR
VF
mcd
mA
in.
(mm) FIG.
MV60538.MP8A
RED
1.7
2.0
20
.140
(3.56)
8A
MV63538.MP8A
YLW
2.1
18.0
20
.140
(3.56)
8A
MV64538.MP8A
GRN
2.2
26.0
20
.140
(3.56)
8A
MV67538.MP8A
H-E RED
2.1
14.0
20
.140
(3.56)
8A
MV60539.MP8A
RED
1.7
3.2
20
.195
(4.95)
8A
MV63539.MP8A
YLW
2.1
20.0
20
.195
(4.95)
8A
MV64539.MP8A
GRN
2.2
28.0
20
.195
(4.95)
8A
MV67539.MP8A
H-E RED
2.1
15.0
20
.195
(4.95)
8A
LOW CURRENT (2mA)
HLMP-47009.MP8A
H-E RED
1.8
2.0
2
.195
(4.95)
8A
HLMP-47199.MP8A
YLW
1.9
2.0
2
.195
(4.95)
8A
HLMP-47409.MP8A
GRN
1.9
3.0
2
.195
(4.95)
8A
ULTRA BRIGHT
MV33509.MP8A
YLW*
2.2
150.0
20
.195
(4.95)
8A
MV34509.MP8A
GRN*
2.2
150.0
20
.195
(4.95)
8A
MV37509.MP8A
H-E. RED*
2.2
150.0
20
.195
(4.95)
8A
INTEGRAL RESISTOR
MR30509.MP8A
RED
5.0
2.0
13
.195
(4.95)
8A
MR30519.MP8A
RED
12.0
2.0
13
.195
(4.95)
8A
MR33509.MP8A
YLW
5.0
4.0
10
.195
(4.95)
8A
MR33519.MP8A
YLW
12.0
4.0
13
.195
(4.95)
8A
MR34509.MP8A
GRN
5.0
4.0
12
.195
(4.95)
8A
MR34519.MP8A
GRN
12.0
4.0
13
.195
(4.95)
8A
MR37509.MP8A
H-E RED
5.0
4.0
10
.195
(4.95)
8A
MR37519.MP8A
H-E RED
12.0
4.0
13
.195
(4.95)
8A
BICOLOR**
MV54919.MP8A
RED/GRN
2.3
6.0
20
.195
(4.95)
8A
T-1 3/4 (5mm) multiple
.250
(6.35)
DIM A
.190
(4.83)
.195
(4.95)
1.01 (25.65)
.250 TYP
(6.35)
.020 TYP
(.51)
.250 TYP
(6.35)
.100 TYP
(2.54)
.145 MIN
(3.68)
.250
(6.35)
CATHODE**
SPECIFIC NOTES:
For T-1 3/4 (5mm) multiple, multiples of four is the standard configuration.
Options — To obtain units in multiples of two add a “-2” suffix to the
part number (i.e. MV64539.MP8-2). To obtain units in multiples of
three add a “-3” suffix.
FIG. - 8
FIG. - 8A
GENERAL NOTES:
1. All dimensions are in inches (mm).
2. Tolerance is ± .015 (± .38) unless otherwise specified.
3. All electrical values are typical.
4. All parts have colored
diffused lens except those with
an asterik (*), which denotes colored
clear lens.
5. A double asterik (**) denotes that the cathode, as indicated,
is the red cathode for the RED/GRN bicolor LED.
6. Custom color combinations are available.


Similar Part No. - MV60538.MP8A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MV60538.MP8A FAIRCHILD-MV60538.MP8A Datasheet
376Kb / 7P
   PCB MOUNT LED INDICATORS
logo
QT Optoelectronics
MV60538.MP8A QT-MV60538.MP8A Datasheet
88Kb / 6P
   PCB MOUNT LED INDICATORS
More results

Similar Description - MV60538.MP8A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MV5064.MP4A FAIRCHILD-MV5064.MP4A Datasheet
376Kb / 7P
   PCB MOUNT LED INDICATORS
logo
QT Optoelectronics
MV5000MP1 QT-MV5000MP1 Datasheet
88Kb / 6P
   PCB MOUNT LED INDICATORS
logo
Marl International Limi...
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
104-505-04 MARL-104-505-04_13 Datasheet
164Kb / 4P
   pcb led indicators
107-305-04 MARL-107-305-04_13 Datasheet
184Kb / 4P
   pcb led indicators
109-305-04 MARL-109-305-04_13 Datasheet
222Kb / 5P
   pcb led indicators
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
104-505-04 MARL-104-505-04_13 Datasheet
164Kb / 4P
   pcb led indicators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com