Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP03-2415SA Datasheet(PDF) 4 Page - Recom International Power

Part # RP03-2415SA
Description  3 Watt DIP24 & SMD, Single & Dual Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP03-2415SA Datasheet(HTML) 4 Page - Recom International Power

  RP03-2415SA Datasheet HTML 1Page - Recom International Power RP03-2415SA Datasheet HTML 2Page - Recom International Power RP03-2415SA Datasheet HTML 3Page - Recom International Power RP03-2415SA Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.recom-international.com
169
April-2005
DIP24 Package Style
Package Style and Pinning (mm)
5.10
17.80
4.60
10.20
0.25 x 0.50
Rectangular Pin
15.20
Bottom View
2 3
20.30
31.80
9 10 11
16 15 14
23 22
3.8
SMD Package Style
20.30
9 10 11 12
24 23 22
16 15 14 13
21 20
1
3
25
4
1
31.40
25.40
10.90
Bottom View
11 x 2.54
Pin area
0.1 x 0.50
0.50
32.00
11.20
2.54
24.14
27.94
26.54
1.60
2.40
Top View
21.30
3.81
6.35
2.54
23.40
POWERLINE
DC/DC-Converter
3rd angle
projection
Pin Connections
Pin #
Single
Dual
2–Vin
–Vin
3–Vin
–Vin
9
NC
Com
10
NC
NC
11
NC
–Vout
14
+Vout
+Vout
15
NC
NC
16
–Vout
Com
22
+Vin
+Vin
23
+Vin
+Vin
NC = No Connection
Pin Pitch Tolerance ±0.35 mm
SMD Package Style
Same spec. as the original DIP spec. and pin
definition, excl. of the SMD type pin.
RP03-S_DA
Series
Pin Connections
Pin #
Single
Dual
2–Vin
–Vin
3–Vin
–Vin
9
NC
Com
10
NC
NC
11
NC
–Vout
14
+Vout
+Vout
15
NC
NC
16
–Vout
Com
22
+Vin
+Vin
23
+Vin
+Vin
Others
NC
NC
NC = No Connection
Pin Pitch Tolerance ±0.35 mm


Similar Part No. - RP03-2415SA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP03-2415SB RECOM-RP03-2415SB Datasheet
104Kb / 4P
   3 Watt DIP24 & SMD, Single, Dual & Dual Isolated Output
RP03-2415SC RECOM-RP03-2415SC Datasheet
101Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
RP03-2415SD RECOM-RP03-2415SD Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
RP03-2415SE RECOM-RP03-2415SE Datasheet
102Kb / 4P
   3 Watt DIP4 & SMD, Single & Dual Isolated Output
RP03-2415SG RECOM-RP03-2415SG Datasheet
99Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
More results

Similar Description - RP03-2415SA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC3-053.3SR RECOM-REC3-053.3SR Datasheet
74Kb / 2P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-S_DRW RECOM-REC3-S_DRW Datasheet
135Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
RP03-0533SG RECOM-RP03-0533SG Datasheet
99Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC3-123.3SRW RECOM-REC3-123.3SRW Datasheet
102Kb / 3P
   3 Watt DIP24 / SMD Single & Dual Output
REC3-S-DRW RECOM-REC3-S-DRW Datasheet
131Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
RP03-2405SD RECOM-RP03-2405SD Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
RP03-1205SC RECOM-RP03-1205SC Datasheet
101Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC3-123.3SRWH4 RECOM-REC3-123.3SRWH4 Datasheet
107Kb / 3P
   3 Watt DIP24 / SMD Single & Dual Output
REC3-S-DR RECOM-REC3-S-DR Datasheet
93Kb / 2P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-053.3SRW RECOM-REC3-053.3SRW_07 Datasheet
97Kb / 3P
   3 Watt DIP24 & SMD Single & Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com