Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

250133MS Datasheet(PDF) 1 Page - SUYIN USA, INC.

Part # 250133MS
Description  2.5mm PITCH BATTERY MALE CONNECTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUYIN-USA [SUYIN USA, INC.]
Direct Link  http://www.suyinusa.com
Logo SUYIN-USA - SUYIN USA, INC.

250133MS Datasheet(HTML) 1 Page - SUYIN USA, INC.

  250133MS Datasheet HTML 1Page - SUYIN USA, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
168
Batt
Specifications:
3-10 Circuits
Insulator material
Max Processing Temp.
Terminal Material
Plating
Max. Current Rating
Voltage Rating
Dielectric Strength
: Black High Temp . Plastic
: 230
for 30 Seconds
: Brass
: Gold Plated
: 5A
: 50V AC
: 500V(Min. 60 seconds)
250133MS Series
Mates With SUYIN 250130FS, 250132FB Series
2.5mm PITCH BATTERY MALE CONNECTOR
Recommended P.C.B. Layout
SUYIN P/NO.
DIM.A
12.45
14.95
17.45
19.95
22.45
24.95
27.45
29.95
DIM.B
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
Dimensional Information
(PLUG DIP TYPE)
1. 'S' : Straight Dip Type
2. No. of Pins
3. Plating
4. Color 'Z' : Black
5. Package
'U' : Tube Package Without CAP
Reference Page 11
2
1
3
4 5
Order Information


Similar Part No. - 250133MS

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
250133MS003G114ZU SUYIN-USA-250133MS003G114ZU Datasheet
53Kb / 1P
   2.5mm Battery Plug DIP Type
More results

Similar Description - 250133MS

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
250133MR SUYIN-USA-250133MR Datasheet
160Kb / 1P
   2.5mm PITCH BATTERY MALE CONNECTOR
250233MR SUYIN-USA-250233MR Datasheet
158Kb / 1P
   2.5mm PITCH BATTERY MALE CONNECTOR
250007MA SUYIN-USA-250007MA Datasheet
124Kb / 1P
   2.5mm PITCH BATTERY CONNECTOR
250007MA003XX04XX SUYIN-USA-250007MA003XX04XX Datasheet
89Kb / 1P
   2.5mm Pitch Battery Connector
250040MA004XX00XX SUYIN-USA-250040MA004XX00XX Datasheet
44Kb / 1P
   2.5mm PITCH BATTERY CONNECTOR
060131MA SUYIN-USA-060131MA Datasheet
111Kb / 1P
   2.5mm PITCH BATTERY CONNECTOR
250103MR SUYIN-USA-250103MR Datasheet
175Kb / 1P
   2.5mm PITCH BATTERY CONNECTOR
250117MA SUYIN-USA-250117MA Datasheet
145Kb / 1P
   2.5mm PITCH BATTERY CONNECTOR
250007MA003XX00XX SUYIN-USA-250007MA003XX00XX Datasheet
95Kb / 1P
   2.5mm Pitch Battery Connector
250011MS009XX00XX SUYIN-USA-250011MS009XX00XX Datasheet
82Kb / 1P
   Pitch 2.5mm Battery Connector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com