Electronic Components Datasheet Search |
|
SN74LVC1G32DBVTG4 Datasheet(PDF) 1 Page - Texas Instruments |
|
|
SN74LVC1G32DBVTG4 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 18 page www.ti.com FEATURES Seemechanicaldrawingsfordimensions. NC – Nointernalconnection DBVPACKAGE (TOP VIEW) 2 5 3 4 Y 1 B GND A V CC DCKPACKAGE (TOP VIEW) 3 4 2 Y 1 GND B A 5 V CC DRL PACKAGE (TOP VIEW) 2 B 1 A 3 4 GND Y 5 V CC YZP PACKAGE (BOTTOMVIEW) 2 B 1 A GND 4 3 Y 5 V CC DRY PACKAGE (TOP VIEW) B NC A 6 5 4 2 3 GND Y V CC 1 DESCRIPTION/ORDERING INFORMATION The SN74LVC1G32 performs the Boolean function Y = A + B or Y = • A B in positive logic. SN74LVC1G32 SINGLE 2-INPUT POSITIVE-OR GATE SCES219O – APRIL 1999 – REVISED FEBRUARY 2007 • Available in the Texas Instruments • I off Supports Partial-Power-Down Mode NanoStar™ and NanoFree™ Packages Operation • Supports 5-V V CC Operation • Latch-Up Performance Exceeds 100 mA Per JESD 78, Class II • Inputs Accept Voltages to 5.5 V • ESD Protection Exceeds JESD 22 • Max t pd of 3.6 ns at 3.3 V – 2000-V Human-Body Model (A114-A) • Low Power Consumption, 10-µA Max I CC – 200-V Machine Model (A115-A) • ± 24-mA Output Drive at 3.3 V – 1000-V Charged-Device Model (C101) This single 2-input positive-OR gate is designed for 1.65-V to 5.5-V VCC operation. NanoStar™ and NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the package. This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs, preventing damaging current backflow through the device when it is powered down. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. NanoStar, NanoFree are trademarks of Texas Instruments. PRODUCTION DATA information is current as of publication date. Copyright © 1999–2007, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - SN74LVC1G32DBVTG4 |
|
Similar Description - SN74LVC1G32DBVTG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |