Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RV-123.3S Datasheet(PDF) 1 Page - Recom International Power

Part # RV-123.3S
Description  2 Watt DIP24 Miniature Single & Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RV-123.3S Datasheet(HTML) 1 Page - Recom International Power

  RV-123.3S Datasheet HTML 1Page - Recom International Power RV-123.3S Datasheet HTML 2Page - Recom International Power RV-123.3S Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
80
www.recom-international.com
April-2005
Part Number
Input
Rated Output
Output Current
Voltage
Voltage
Full Load
DIP24 Miniature
(VDC)
(VDC)
(mA)
RV-xx3.3S
3.3, 5, 9, 12, 15, 24
3.3
600
RV-xx05S
3.3, 5, 9, 12, 15, 24
5
400
RV-xx09S
3.3, 5, 9, 12, 15, 24
9
222
RV-xx12S
3.3, 5, 9, 12, 15, 24
12
167
RV-xx15S
3.3, 5, 9, 12, 15, 24
15
133
RV-xx24S
3.3, 5, 9, 12, 15, 24
24
83
RV-xx3.3D
3.3, 5, 12, 15, 24
±3.3
±300
RV-xx05D
3.3, 5, 12, 15, 24
±5
±200
RV-xx09D
3.3, 5, 12, 15, 24
±9
±111
RV-xx12D
3.3, 5, 12, 15, 24
±12
±83
RV-xx15D
3.3, 5, 12, 15, 24
±15
±67
RV-xx24D
3.3, 5, 12, 15, 24
±24
±42
xx = Input Voltage Range
2 Watt
DIP24 Miniature
Single &
&
Dual Output
ECONOLINE
DC/DC-Converter
RV
Series
Safety standards and approvals:
EN 60950 certified, rated for
250VAC (LVD test report)
UL-60950-1 / CSA C22.2 certified
6kVDC Isolation
UL94V-0 Package Material
Internal SMD Construction
Fully Encapsulated
Efficiency to 82%
Features
Unregulated
Converters
Selection Guide
100
60
20
40
100
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
Derating-Graph
(Ambient Temperature)
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1.2%/1% of Vin max.
Load Voltage Regulation
3.3V output types
20% max.
(10% to 100% full load)
5V output type
15% max.
9V, 12V, 15V, 24V output types
10% max.
Output Ripple and Noise (20MHz limited)
200mVp-p max.
Operating Frequency
20kHz min. / 50kHz typ. / 85kHz max.
Efficiency at Full Load
70% min. / 75% typ.
No Load Power Consumption
282mW min. / 338mW typ. / 400mW max.
Isolation Voltage
(tested for 1 second)
6.000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Capacitance
2pF min. / 12pF max.
Isolation Resistance
15 G
Ω min.
Short Circuit Protection
1 Second
Operating Temperature Range (free air convection)
-40°C to +85°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Relative Humidity
MSL Level 1
95% RH
Package Weight
9g
MTBF (+25°C)
using MIL-HDBK 217F
1154 x 103 hours
(+85°C)
using MIL-HDBK 217F
168 x 103 hours
Specifications (Core Operating Area)
The RV Series of DC/DC Converters are fully certified to EN 60950: 2000. This makes them ideal for all
Telecom and safety applications where approved isolation is required and UL-60950-1 / CSA C22.2.
Description
}DetailedInformationsee
Application Notes chapter "MTBF"


Similar Part No. - RV-123.3S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RV-123.3S RECOM-RV-123.3S Datasheet
106Kb / 3P
   2 Watt DIP24 Miniature Single & Dual Output
RV-123.3SP RECOM-RV-123.3SP Datasheet
106Kb / 3P
   2 Watt DIP24 Miniature Single & Dual Output
More results

Similar Description - RV-123.3S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RV-3.33.3S RECOM-RV-3.33.3S_06 Datasheet
106Kb / 3P
   2 Watt DIP24 Miniature Single & Dual Output
REC3-123.3SRH1 RECOM-REC3-123.3SRH1 Datasheet
85Kb / 2P
   2 Watt DIP24 Single & Dual Output
REC2.2-123.3SRWH1 RECOM-REC2.2-123.3SRWH1 Datasheet
85Kb / 3P
   2.2 Watt DIP24 Single & Dual Output
RP12-122.5SA RECOM-RP12-122.5SA Datasheet
93Kb / 4P
   12 Watt DIP24 Single & Dual Output
REC2.2-123.3SR RECOM-REC2.2-123.3SR Datasheet
85Kb / 2P
   2.2 Watt DIP24 Single & Dual Output
REC1.5-053.3SR RECOM-REC1.5-053.3SR Datasheet
80Kb / 2P
   1.5/1.8 Watt DIP24 miniature & SMD Single Output
RP1P5 RECOM-RP1P5 Datasheet
100Kb / 4P
   1.5 Watt DIP24 & SMD, Single & Dual Output
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC8 RECOM-REC8 Datasheet
125Kb / 3P
   8 Watt DIP24 & SMD Single & Dual Output
RP08-A RECOM-RP08-A Datasheet
499Kb / 7P
   8 Watt DIP24/SMD Single & Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com