Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBYG10KG Datasheet(PDF) 2 Page - Gulf Semiconductor

Part # SBYG10KG
Description  SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?00V to 1000V CURRENT竊?1.5A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

SBYG10KG Datasheet(HTML) 2 Page - Gulf Semiconductor

  SBYG10KG Datasheet HTML 1Page - Gulf Semiconductor SBYG10KG Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev.A2
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES SBYG10DG THRU SBYG10MG


Similar Part No. - SBYG10KG

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SBYG20DG GULFSEMI-SBYG20DG Datasheet
113Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?00 to 600V CURRENT竊?.5A
SBYG20GG GULFSEMI-SBYG20GG Datasheet
113Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?00 to 600V CURRENT竊?.5A
SBYG20JG GULFSEMI-SBYG20JG Datasheet
113Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?00 to 600V CURRENT竊?.5A
SBYG23MG GULFSEMI-SBYG23MG Datasheet
122Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?000V CURRENT竊?.5A
More results

Similar Description - SBYG10KG

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
USB2J GULFSEMI-USB2J Datasheet
126Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?00V CURRENT竊?.0A
GS1J-E GULFSEMI-GS1J-E Datasheet
143Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V to 1000V CURRENT竊?1.0A
GU2A GULFSEMI-GU2A Datasheet
197Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?.0A
GR2A GULFSEMI-GR2A Datasheet
203Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?2.0A
GR3A GULFSEMI-GR3A Datasheet
230Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?3.0A
FK1K GULFSEMI-FK1K Datasheet
241Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
ES1D-E GULFSEMI-ES1D-E Datasheet
109Kb / 2P
   SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
GU1A GULFSEMI-GU1A Datasheet
233Kb / 3P
   SURFACE MOUNT SWITCHING RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
NF3J GULFSEMI-NF3J Datasheet
156Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00V CURRENT竊?.0A
MU3D GULFSEMI-MU3D Datasheet
91Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com