Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF5401 Datasheet(PDF) 2 Page - Gulf Semiconductor

Part # SF5401
Description  SINTERED GLASS JUNCTION ULTRAFAST AVALANCHE RECTIFIER VOLTAGE竊?0 to 1000V CURRENT: 3.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

SF5401 Datasheet(HTML) 2 Page - Gulf Semiconductor

  SF5401 Datasheet HTML 1Page - Gulf Semiconductor SF5401 Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev.A1
www.gulfsemi.com


Similar Part No. - SF5401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SF5401 VISHAY-SF5401 Datasheet
51Kb / 5P
   Super Fast Soft Recovery Rectifier
Rev. 3, 24-Jun-98
logo
Vanlong Technology Co.,...
SF5401 VANLONG-SF5401 Datasheet
122Kb / 2P
   315.00 MHz SAW Filter
logo
Vishay Siliconix
SF5401 VISHAY-SF5401 Datasheet
120Kb / 5P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.8, 25-May-11
SF5401 VISHAY-SF5401 Datasheet
120Kb / 5P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.9, 19-Sep-12
logo
SUNMATE electronic Co.,...
SF5401 SUNMATE-SF5401 Datasheet
166Kb / 2P
   3A Axial Leaded Super Fast Soft Recovery Rectifier
More results

Similar Description - SF5401

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
G4J GULFSEMI-G4J Datasheet
79Kb / 2P
   SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
BYW76 GULFSEMI-BYW76 Datasheet
94Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
1N5811 GULFSEMI-1N5811 Datasheet
73Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?50V CURRENT: 3.0A
BYM36E GULFSEMI-BYM36E Datasheet
76Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?000V CURRENT: 3.0A
BYT56M GULFSEMI-BYT56M Datasheet
153Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?000V CURRENT: 3.0A
1N5418 GULFSEMI-1N5418 Datasheet
86Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
BYW72 GULFSEMI-BYW72 Datasheet
93Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
BYM36C GULFSEMI-BYM36C Datasheet
76Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
FE4G GULFSEMI-FE4G Datasheet
80Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
UF30A GULFSEMI-UF30A Datasheet
214Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?3.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com