Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSS-093.3 Datasheet(PDF) 1 Page - Recom International Power

Part # RSS-093.3
Description  ECONOLINE - DC/DC - CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RSS-093.3 Datasheet(HTML) 1 Page - Recom International Power

  RSS-093.3 Datasheet HTML 1Page - Recom International Power RSS-093.3 Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.recom-international.com
EC 15
August 2002
Selection Guide
ECONOLINE - DC/DC-Converter
RSS / RSD Series, 1 Watt, SMD (Single & Dual Output)
Specifications (Core Operating Area) and Operating Temperature / Derating-Graph
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
SMD
(VDC)
(VDC)
(mA)
(%)
RSS-XX1.8
1.8, 3.3, 5, 9, 12, 15, 24
1.8
555
70
RSS-XX3.3
1.8, 3.3, 5, 9, 12, 15, 24
3.3
303
75
RSS-XX05
1.8, 3.3, 5, 9, 12, 15, 24
5
200
70-78
RSS-XX09
1.8, 3.3, 5, 9, 12, 15, 24
9
111
70-78
RSS-XX12
1.8, 3.3, 5, 9, 12, 15, 24
12
84
78-82
RSS-XX15
1.8, 3.3, 5, 9, 12, 15, 24
15
66
80-84
RSS-XX24
1.8, 3.3, 5, 9, 12, 15, 24
24
42
74-85
RSD-XX1.8
1.8, 3.3, 5, 9, 12, 15, 24
±1.8
±278
70
RSD-XX3.3
1.8, 3.3, 5, 9, 12, 15, 24
±3.3
±152
70
RSD-XX05
1.8, 3.3, 5, 9, 12, 15, 24
±5
±100
70-78
RSD-XX09
1.8, 3.3, 5, 9, 12, 15, 24
±9
±56
75-80
RSD-XX12
1.8, 3.3, 5, 9, 12, 15, 24
±12
±42
78-84
RSD-XX15
1.8, 3.3, 5, 9, 12, 15, 24
±15
±33
80-84
RSD-XX24
1.8, 3.3, 5, 9, 12, 15, 24
±24
±21
80-84
Input Voltage
±10%
Input Filter
Capacitor Type
Output Voltage Accuracy
±5%
Line Voltage Regulation
1,2%/1% V Input
Load Voltage Regulation
1.8V, 3.3V output types
20% max.
(10% to 100% full load)
5V output type
15% max.
9V, 12V, 15V, 24V output types
10% max.
Ripple and Noise (20MHz limited)
100mVp-p max.
Efficiency at Full Load
70% min.
Isolation Voltage
1.000VDC min.
Isolation Resistance (Viso = 500VDC)
10 GΩ min.
Isolation Capacitance
15pF min./70pF max.
Short Circuit Protection
1 Second
Switching Frequency at Full Load
100kHz typ.
Operating Temperature
-40°C to +85°C* (see Graph)
Storage Temperature
-55°C to +125°
Package Weight
Single output types
1.5g
Double output types
2.2g
1kVDC Isolation
Efficiency to 78%
Power Density 1.8W/cm3
UL 94V-0 Package Material
Toroidal Magnetics
Internal SMD Construction
2.0
1.5
0.5
1.0
100
50
0
-40
85
125
150
Operating Temperature ˚C
Safe Operating Area
0
Features


Similar Part No. - RSS-093.3

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RSS-093.3 RECOM-RSS-093.3 Datasheet
114Kb / 4P
   1 Watt SMD Single & Dual Output
RSS-093.3 RECOM-RSS-093.3 Datasheet
126Kb / 4P
   1 Watt SMD Single & Dual Output
RSS-093.3HP RECOM-RSS-093.3HP Datasheet
126Kb / 4P
   1 Watt SMD Single & Dual Output
RSS-093.3P RECOM-RSS-093.3P Datasheet
126Kb / 4P
   1 Watt SMD Single & Dual Output
More results

Similar Description - RSS-093.3

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RB-XX1.8S RECOM-RB-XX1.8S Datasheet
105Kb / 2P
   ECONOLINE - DC/DC-Converter
RAA RECOM-RAA Datasheet
93Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-05SR RECOM-REC22-05SR Datasheet
91Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-33DUI RECOM-REC22-33DUI Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC8-05SRWL RECOM-REC8-05SRWL Datasheet
78Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RX-05D RECOM-RX-05D Datasheet
104Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RB-1.81.8S RECOM-RB-1.81.8S Datasheet
115Kb / 4P
   ECONOLINE - DC/DC - CONVERTER
RD-0505D RECOM-RD-0505D Datasheet
106Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RT-1.81.81.8 RECOM-RT-1.81.81.8 Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC15 RECOM-REC15 Datasheet
89Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-05DRI RECOM-REC22-05DRI Datasheet
80Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com