Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS1J Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # SS1J
Description  SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

SS1J Datasheet(HTML) 1 Page - Gulf Semiconductor

  SS1J Datasheet HTML 1Page - Gulf Semiconductor SS1J Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A4
www.gulfsemi.com
SS1A THRU SS1M
SINTERED GLASS JUNCTION
SURFACE MOUNTED RECTIFIER
VOLTAGE:
:50 TO 1000V
CURRENT:
: 1.0A
FEATURE
GF1/ DO-214BA
For surface mounted application
High temperature metallurgic ally bonded
Sintered glass junction
Capability of meeting environmental standard of
MIL-S-19500
High temperature soldering guaranteed
450℃/10sec/at terminal/complete device
Submersible temperature of 265℃ for 10sec
MECHANICAL DATA
Terminal:Plated Terminal, solderable per
MIL-STD 202, method 208C
Case:Molded with UL-94 class V-0 recognized
Flame Retardant Epoxy over Glass
Polarity:color band denotes cathode end
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single—phase, half —wave, 60HZ, resistive or inductive load rating at 25℃, unless otherwise stated,
for capacitive load, derate current by 20%)
SYMBOL
SS
1A
SS
1B
SS
1D
SS
1G
SS
1J
SS
1K
SS
1M
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
Vrms
35
70
140
280
420
560
700
V
Maximum DC blocking Voltage
Vdc
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current
If(av)
1.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
30.0
A
Maximum Forward Voltage
at rated Forward current
Ta =25℃
Vf
1.1
1.2
V
Maximum full load reverse current
full cycle average at 75℃ ambient
Ir(av)
30.0
μA
Maximum DC Reverse Current
Ta =25℃
at rated DC blocking voltage
Ta =125℃
Ir
5.0
50.0
μA
μA
Typical Junction Capacitance
(Note 1)
Cj
15.0
pF
Typical Thermal Resistance
(Note 2)
R(ja)
80.0
℃/W
Operating and Storage Temperature Range
Tst, Tj
-65 to +175
Note:
Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
Thermal Resistance from Junction to Ambient 6.0mm2 copper pad to each terminal
RATINGS AND CHARACTERISTIC CURVES SS1A THRU SS1M


Similar Part No. - SS1J

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SS1J EIC-SS1J Datasheet
32Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIERS
logo
GOOD-ARK Electronics
SS1J GOOD-ARK-SS1J Datasheet
181Kb / 2P
   SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
logo
SynSemi, Inc.
SS1J SYNSEMI-SS1J Datasheet
35Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIERS
logo
EIC discrete Semiconduc...
SS1J EIC-SS1J Datasheet
40Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIERS
logo
SUNMATE electronic Co.,...
SS1J SUNMATE-SS1J Datasheet
371Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER DIODES
More results

Similar Description - SS1J

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SU1A GULFSEMI-SU1A Datasheet
129Kb / 2P
   SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
SR1A GULFSEMI-SR1A Datasheet
187Kb / 2P
   SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
SR1D-E GULFSEMI-SR1D-E Datasheet
161Kb / 2P
   SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
SS1T GULFSEMI-SS1T Datasheet
169Kb / 2P
   SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?300V CURRENT竊?1.0A
SS1Q GULFSEMI-SS1Q Datasheet
174Kb / 2P
   SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?200V CURRENT竊?1.0A
SBYD17D GULFSEMI-SBYD17D Datasheet
151Kb / 2P
   SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
SBYV26A GULFSEMI-SBYV26A Datasheet
101Kb / 2P
   SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?200 to 1400V CURRENT: 1.0A
GS1A GULFSEMI-GS1A Datasheet
278Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
EG1AE GULFSEMI-EG1AE Datasheet
86Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?0.7A
GU1A GULFSEMI-GU1A Datasheet
233Kb / 3P
   SURFACE MOUNT SWITCHING RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com