Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G17DBVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G17DBVR
Description  DUAL SCHMITT-TRIGGER BUFFER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G17DBVR Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC2G17DBVR Datasheet HTML 1Page - Texas Instruments SN74LVC2G17DBVR Datasheet HTML 2Page - Texas Instruments SN74LVC2G17DBVR Datasheet HTML 3Page - Texas Instruments SN74LVC2G17DBVR Datasheet HTML 4Page - Texas Instruments SN74LVC2G17DBVR Datasheet HTML 5Page - Texas Instruments SN74LVC2G17DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC2G17DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC2G17DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC2G17DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Recommended Operating Conditions
(1)
SN74LVC2G17
www.ti.com............................................................................................................................................... SCES381I – JANUARY 2002 – REVISED OCTOBER 2009
MIN
MAX
UNIT
VCC
Supply voltage
Operating
1.65
5.5
V
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCC
V
VCC = 1.65 V
–4
VCC = 2.3 V
–8
IOH
High-level output current
–16
mA
VCC = 3 V
–24
VCC = 4.5 V
–32
VCC = 1.65 V
4
VCC = 2.3 V
8
IOL
Low-level output current
16
mA
VCC = 3 V
24
VCC = 4.5 V
32
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
Copyright © 2002–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN74LVC2G17


Similar Part No. - SN74LVC2G17DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G17DBVR TI-SN74LVC2G17DBVR Datasheet
326Kb / 13P
[Old version datasheet]   DUAL SCHMITT TRIGGER BUFFER
SN74LVC2G17DBVR TI-SN74LVC2G17DBVR Datasheet
599Kb / 15P
[Old version datasheet]   DUAL SCHMITT-TRIGGER BUFFER
SN74LVC2G17DBVR TI1-SN74LVC2G17DBVR Datasheet
1Mb / 29P
[Old version datasheet]   SN74LVC2G17 Dual Schmitt-Trigger Buffer
logo
Guangdong Youtai Semico...
SN74LVC2G17DBVR UMW-SN74LVC2G17DBVR Datasheet
1Mb / 9P
   SN74LVC2G17
logo
Texas Instruments
SN74LVC2G17DBVRE4 TI-SN74LVC2G17DBVRE4 Datasheet
599Kb / 15P
[Old version datasheet]   DUAL SCHMITT-TRIGGER BUFFER
More results

Similar Description - SN74LVC2G17DBVR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVC2G17 DIODES-74LVC2G17 Datasheet
242Kb / 10P
   DUAL SCHMITT TRIGGER BUFFER
logo
Texas Instruments
SN74LVC2G17 TI-SN74LVC2G17_09 Datasheet
599Kb / 15P
[Old version datasheet]   DUAL SCHMITT-TRIGGER BUFFER
SN74LVC2G17-Q1 TI-SN74LVC2G17-Q1 Datasheet
129Kb / 7P
[Old version datasheet]   DUAL SCHMITT-TRIGGER BUFFER
SN74LVC2G17 TI-SN74LVC2G17 Datasheet
326Kb / 13P
[Old version datasheet]   DUAL SCHMITT TRIGGER BUFFER
logo
ON Semiconductor
NLX2G17 ONSEMI-NLX2G17 Datasheet
97Kb / 8P
   Dual Schmitt-Trigger Buffer
March, 2008 - Rev. 0
logo
Texas Instruments
SN74LVC2G17-EP TI1-SN74LVC2G17-EP Datasheet
542Kb / 12P
[Old version datasheet]   DUAL SCHMITT-TRIGGER BUFFER
logo
Unisonic Technologies
U74LVC2G17 UTC-U74LVC2G17 Datasheet
141Kb / 5P
   DUAL SCHMITT-TRIGGER BUFFER
logo
Texas Instruments
SN74LVC2G17 TI1-SN74LVC2G17_16 Datasheet
1Mb / 29P
[Old version datasheet]   SN74LVC2G17 Dual Schmitt-Trigger Buffer
logo
Renesas Technology Corp
HD74LVC1G17 RENESAS-HD74LVC1G17 Datasheet
2Mb / 8P
   Schmitt-trigger Buffer
RD74LVC1G17 RENESAS-RD74LVC1G17 Datasheet
2Mb / 8P
   Schmitt-trigger Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com