Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP-0512D Datasheet(PDF) 3 Page - Recom International Power

Part # RP-0512D
Description  1 Watt SIP7 SIP7 Single & Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP-0512D Datasheet(HTML) 3 Page - Recom International Power

  RP-0512D Datasheet HTML 1Page - Recom International Power RP-0512D Datasheet HTML 2Page - Recom International Power RP-0512D Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.recom-international.com
43
April-2005
Package Style and Pinning (mm)
RP
Series
ECONOLINE
DC/DC-Converter
3rd angle
projection
7 PIN SIP Package
0.51 typ.
2.54
1.00ø+0.15/–0
2.54
Top View
Bottom View
7.05
RECOM
RP-xxxxS
****
12
5
7
0.51 typ.
4.10
10.20
19.65
1.27
0.25
15.24
2.0
RECOM
RP-xxxxD
****
RECOM
RP-xxxxD
****
12
5
7
6
Single Output
Dual Output
Recommended Footprint Details
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
–Vin
–Vin
5
–Vout
–Vout
6
No Pin
Com
7
+Vout
+Vout


Similar Part No. - RP-0512D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP-0512D RECOM-RP-0512D Datasheet
107Kb / 3P
   1 Watt SIP 7 Single & Dual Output
RP-0512DP RECOM-RP-0512DP Datasheet
107Kb / 3P
   1 Watt SIP 7 Single & Dual Output
More results

Similar Description - RP-0512D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RY-0505SCP RECOM-RY-0505SCP_06 Datasheet
95Kb / 3P
   1 Watt SIP7 Single & Dual Output
RY-0505SCP RECOM-RY-0505SCP Datasheet
79Kb / 3P
   1 Watt SIP7 Single & Dual Output
RB-3.305S-E RECOM-RB-3.305S-E Datasheet
84Kb / 2P
   1 Watt SIP7 Single Output
RB-XX3.3S RECOM-RB-XX3.3S Datasheet
126Kb / 3P
   1 Watt SIP7 Single & Dual Output
REE-0505S RECOM-REE-0505S_15 Datasheet
83Kb / 2P
   1 Watt SIP7 Single Output
RK-H6 RECOM-RK-H6_18 Datasheet
951Kb / 5P
   1 Watt SIP7 Single and Dual Output
RFB RECOM-RFB Datasheet
381Kb / 4P
   1 Watt SIP7 Single Output
RFMM RECOM-RFMM Datasheet
442Kb / 4P
   1 Watt SIP7 Single Output
RKK RECOM-RKK Datasheet
618Kb / 4P
   1 Watt SIP7 Single Output
REV.: 0/2023
RYK RECOM-RYK Datasheet
752Kb / 5P
   1 Watt SIP7 Single Output
REV.: 0/2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com