Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF3GG Datasheet(PDF) 2 Page - Gulf Semiconductor

Part # SSF3GG
Description  ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE:50 TO 400V CURRENT: 3.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

SSF3GG Datasheet(HTML) 2 Page - Gulf Semiconductor

  SSF3GG Datasheet HTML 1Page - Gulf Semiconductor SSF3GG Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
Rev.A1
www.gulfsemi.com


Similar Part No. - SSF3GG

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF3002EG1 SILIKRON-SSF3002EG1 Datasheet
441Kb / 6P
   Advanced trench MOSFET process technology
logo
CHENG-YI ELECTRONIC CO....
SSF301 CHENG-YI-SSF301 Datasheet
187Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
Silikron Semiconductor ...
SSF3014 SILIKRON-SSF3014 Datasheet
298Kb / 5P
   Advanced trench process technology
SSF3018 SILIKRON-SSF3018 Datasheet
338Kb / 5P
   Advanced trench process technology
SSF3018D SILIKRON-SSF3018D Datasheet
345Kb / 5P
   Advanced trench process technology
More results

Similar Description - SSF3GG

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
UF5400-E GULFSEMI-UF5400-E Datasheet
218Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER Voltage: 50 to 1000V Current: 3.0A
SSF5AG GULFSEMI-SSF5AG Datasheet
80Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE:50 TO 400V CURRENT: 5.0A
SSF1AG GULFSEMI-SSF1AG Datasheet
104Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE:50 TO 400V CURRENT: 1.0A
SSF3JG GULFSEMI-SSF3JG Datasheet
71Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 600V CURRENT: 3.0A
ER504 GULFSEMI-ER504 Datasheet
85Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 400V CURRENT: 5.0A
1S2G GULFSEMI-1S2G Datasheet
67Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 200 TO 400V CURRENT: 0.7A
31GF6A GULFSEMI-31GF6A Datasheet
160Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
HER30-1500G GULFSEMI-HER30-1500G Datasheet
125Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?500V CURRENT竊?3.0A
31GF7 GULFSEMI-31GF7 Datasheet
193Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
31GF2 GULFSEMI-31GF2 Datasheet
156Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com