Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1404YZPR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1404YZPR
Description  OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1404YZPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LVC1404YZPR Datasheet HTML 4Page - Texas Instruments SN74LVC1404YZPR Datasheet HTML 5Page - Texas Instruments SN74LVC1404YZPR Datasheet HTML 6Page - Texas Instruments SN74LVC1404YZPR Datasheet HTML 7Page - Texas Instruments SN74LVC1404YZPR Datasheet HTML 8Page - Texas Instruments SN74LVC1404YZPR Datasheet HTML 9Page - Texas Instruments SN74LVC1404YZPR Datasheet HTML 10Page - Texas Instruments SN74LVC1404YZPR Datasheet HTML 11Page - Texas Instruments SN74LVC1404YZPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
www.ti.com
APPLICATION INFORMATION
of C1 and C2 are chosen so that
C
L +
C
1C2
C
1 ) C2
and C1 ≈ C2. Rs is the current-limiting resistor, and the value
resonance frequency, i.e.,
Rs + X
C
2
. RF is the feedback resistor that is used to bias the inverter in the linear
CTRL(1)
RF ≅ 2.2 MΩ
CL ≅ 16 pF
C1 ≅ 32 pF
C2 ≅ 32 pF
XOUT
XIN
OSCOUT
Y
A
Optional Signal-Conditioning Stage
CLOAD
RLOAD
CLOAD
RLOAD
(1) CTRL should be tied to logic high during normal operation of the oscillator circuit. To disable the oscillator circuit, connect CTRL to logic low.
A) Logic Diagram View
Rs ≅ 1 kΩ
SN74LVC1404
OSCILLATOR DRIVER
FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
SCES469D – AUGUST 2003 – REVISED JANUARY 2007
Figure 3 shows a typical application of the SN74LVC1404 in a Pierce oscillator circuit. The output voltage can
be conditioned further by connecting OSCOUT to the Schmitt-trigger input inverter. The Schmitt-trigger input
inverter produces a rail-to-rail voltage waveform. The recommended load for the crystal, shown in this example,
is 16 pF. The value of the recommended load (CL) can be found in the crystal manufacturer's data sheet. Values
depends on the maximum power dissipation of the crystal. Generally, the recommended value of Rs is specified
in the crystal manufacturer's data sheet and, usually, this value is approximately equal to the reactance of C2 at
region of operation. Usually, the value is chosen to be within 1 M
Ω to 10 MΩ.
Figure 3. Oscillator Circuit
8
Submit Documentation Feedback


Similar Part No. - SN74LVC1404YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1404YZPR TI-SN74LVC1404YZPR Datasheet
309Kb / 16P
[Old version datasheet]   OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
SN74LVC1404YZPR TI-SN74LVC1404YZPR Datasheet
466Kb / 17P
[Old version datasheet]   OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
More results

Similar Description - SN74LVC1404YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1404 TI-SN74LVC1404_07 Datasheet
466Kb / 17P
[Old version datasheet]   OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
SN74LVC1404 TI-SN74LVC1404 Datasheet
309Kb / 16P
[Old version datasheet]   OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
logo
ATMEL Corporation
8128B ATMEL-8128B Datasheet
147Kb / 5P
   Typical Crystal/Resonator Oscillator
logo
NXP Semiconductors
68HC705C5 NXP-68HC705C5 Datasheet
4Mb / 74P
   On-Chip Oscillator with Crystal/Ceramic Resonator
REV. 1.3
logo
Texas Instruments
SN74LVC1GX04 TI-SN74LVC1GX04 Datasheet
301Kb / 13P
[Old version datasheet]   CRYSTAL OSCILLATOR DRIVER
SN74LVC1GX04 TI1-SN74LVC1GX04_06 Datasheet
718Kb / 19P
[Old version datasheet]   CRYSTAL OSCILLATOR DRIVER
DECEMBER2006
SN74LVC1GX04 TI1-SN74LVC1GX04_15 Datasheet
1Mb / 27P
[Old version datasheet]   Crystal Oscillator Driver
SN74LVC1GX04-EP TI1-SN74LVC1GX04-EP Datasheet
442Kb / 15P
[Old version datasheet]   CRYSTAL OSCILLATOR DRIVER
logo
Abracon Corporation
ASVK ABRACON-ASVK Datasheet
186Kb / 2P
   CERAMIC SMD CRYSTAL OSCILLATOR
4.05.07
logo
NXP Semiconductors
CARD_74LVC1GX04 PHILIPS-CARD_74LVC1GX04 Datasheet
97Kb / 2P
   One chip crystal oscillator driver
August 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com