Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SUF1508 Datasheet(PDF) 2 Page - Gulf Semiconductor

Part # SUF1508
Description  HIGH EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

SUF1508 Datasheet(HTML) 2 Page - Gulf Semiconductor

  SUF1508 Datasheet HTML 1Page - Gulf Semiconductor SUF1508 Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
RATINGS AND CHARACTERISTIC CURVES SUF1500 THRU SUF1508
1
Rev.A1
www.gulfsemi.com


Similar Part No. - SUF1508

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SUF15 GE-SUF15 Datasheet
55Kb / 2P
   ULTRAFAST EFFICIENT RECTIFIER
SUF15G GE-SUF15G Datasheet
55Kb / 2P
   ULTRAFAST EFFICIENT RECTIFIER
logo
Vishay Siliconix
SUF15G VISHAY-SUF15G Datasheet
98Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 20-Aug-07
logo
General Semiconductor
SUF15J GE-SUF15J Datasheet
55Kb / 2P
   ULTRAFAST EFFICIENT RECTIFIER
logo
Vishay Siliconix
SUF15J VISHAY-SUF15J Datasheet
98Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 20-Aug-07
More results

Similar Description - SUF1508

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SUF4001 GULFSEMI-SUF4001 Datasheet
74Kb / 2P
   HIGH EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
SUF5400 GULFSEMI-SUF5400 Datasheet
529Kb / 2P
   HIGH EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 3.0A
SUF2001 GULFSEMI-SUF2001 Datasheet
356Kb / 2P
   HIGH EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 2.0A
MUR105S GULFSEMI-MUR105S Datasheet
99Kb / 3P
   ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER Voltage: 50 to 1000V Current: 1.0A
1N5391 GULFSEMI-1N5391 Datasheet
93Kb / 3P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE: 50 to 1000V CURRENT: 1.5A
FR151 GULFSEMI-FR151 Datasheet
466Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
RL151 GULFSEMI-RL151 Datasheet
678Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
RU2AG GULFSEMI-RU2AG Datasheet
107Kb / 2P
   FULTRAFAST EFFICIENT GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
GP15A GULFSEMI-GP15A Datasheet
151Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
1N5391GP GULFSEMI-1N5391GP Datasheet
155Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com