Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AVCB164245VRE4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # 74AVCB164245VRE4
Description  16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74AVCB164245VRE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button 74AVCB164245VRE4 Datasheet HTML 3Page - Texas Instruments 74AVCB164245VRE4 Datasheet HTML 4Page - Texas Instruments 74AVCB164245VRE4 Datasheet HTML 5Page - Texas Instruments 74AVCB164245VRE4 Datasheet HTML 6Page - Texas Instruments 74AVCB164245VRE4 Datasheet HTML 7Page - Texas Instruments 74AVCB164245VRE4 Datasheet HTML 8Page - Texas Instruments 74AVCB164245VRE4 Datasheet HTML 9Page - Texas Instruments 74AVCB164245VRE4 Datasheet HTML 10Page - Texas Instruments 74AVCB164245VRE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
www.ti.com
Switching Characteristics
Switching Characteristics
Switching Characteristics
Switching Characteristics
SN74AVCB164245
16-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES394D – JUNE 2002 – REVISED JUNE 2005
over recommended operating free-air temperature range, V
CCA = 1.5 V ± 0.1 V (see Figure 2)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
FROM
TO
0.1 V
0.15 V
0.2 V
0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
A
B
1.7
6.7
1.9
6.3
1.8
5.5
1.7
5.8
tpd
ns
B
A
1.8
6.8
2.2
7.4
2.1
7.6
2.1
7.3
A
2.5
8.4
2.4
7.4
2.1
5.2
1.9
4.2
ten
OE
ns
B
2.1
9
2.9
9.8
3.2
10
3
9.8
A
2.2
6.9
2.3
6.1
1.3
3.6
1.3
3
tdis
OE
ns
B
2.1
7.1
2.3
6.4
1.7
5.1
1.6
4.8
over recommended operating free-air temperature range, V
CCA = 1.8 V ± 0.15 V (see Figure 2)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
FROM
TO
0.1 V
0.15 V
0.2 V
0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
A
B
1.7
6.7
1.8
6
1.7
4.7
1.6
4.3
tpd
ns
B
A
1.4
5.5
1.8
6
1.8
5.8
1.8
5.5
A
2.6
8.5
2.5
7.5
2.2
5.3
1.9
4.2
ten
OE
ns
B
1.8
7.6
2.6
7.7
2.6
7.6
2.6
7.4
A
2.3
7
2.3
6.1
1.3
3.6
1.3
3
tdis
OE
ns
B
1.8
7
2.5
6.3
1.8
4.7
1.7
4.4
over recommended operating free-air temperature range, V
CCA = 2.5 V ± 0.2 V (see Figure 2)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
FROM
TO
0.1 V
0.15 V
0.2 V
0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
A
B
1.6
6
1.8
5.6
1.5
4
1.4
3.4
tpd
ns
B
A
1.3
4.6
1.7
4.4
1.5
4
1.4
3.7
A
3.1
8.5
2.5
7.5
2.2
5.3
1.9
4.2
ten
OE
ns
B
1.7
5.7
2.2
5.5
2.2
5.3
2.2
5.1
A
2.4
7
3
6.1
1.4
3.6
1.2
3
tdis
OE
ns
B
1.2
5.8
1.9
5
1.4
3.6
1.3
3.3
over recommended operating free-air temperature range, V
CCA = 3.3 V ± 0.3 V (see Figure 2)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
FROM
TO
0.1 V
0.15 V
0.2 V
0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
A
B
1.5
5.9
1.7
5.4
1.5
3.7
1.4
3.1
tpd
ns
B
A
1.3
4.5
1.6
3.8
1.5
3.3
1.4
3.1
A
2.6
8.3
2.5
7.4
2.2
5.2
1.9
4.1
ten
OE
ns
B
1.6
4.9
2
4.5
2
4.3
1.9
4.1
A
2.3
7
3
6
1.3
3.5
1.2
3.5
tdis
OE
ns
B
1.3
6.9
2.1
5.5
1.6
3.8
1.5
3.5
7


Similar Part No. - 74AVCB164245VRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AVCB164245VRE4 TI-74AVCB164245VRE4 Datasheet
531Kb / 18P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Similar Description - 74AVCB164245VRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCA164245 TI-SN74AVCA164245 Datasheet
323Kb / 15P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCBH164245 TI-SN74AVCBH164245 Datasheet
294Kb / 13P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCAH164245 TI-SN74AVCAH164245_07 Datasheet
385Kb / 16P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245 TI-SN74AVC16T245_08 Datasheet
519Kb / 22P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCA164245 TI-SN74AVCA164245_09 Datasheet
495Kb / 17P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245-Q1 TI1-SN74AVCB164245-Q1 Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245-Q1 TI1-SN74AVC16T245-Q1 Datasheet
222Kb / 14P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCAH164245 TI-SN74AVCAH164245_02 Datasheet
171Kb / 11P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCA164245 TI-SN74AVCA164245_07 Datasheet
378Kb / 15P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245 TI-SN74AVCB164245 Datasheet
375Kb / 15P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com