Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US1J Datasheet(PDF) 2 Page - Gulf Semiconductor

Part # US1J
Description  SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?600V CURRENT竊?1.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

US1J Datasheet(HTML) 2 Page - Gulf Semiconductor

  US1J Datasheet HTML 1Page - Gulf Semiconductor US1J Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES US1J


Similar Part No. - US1J

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
US1J PANJIT-US1J Datasheet
72Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
Galaxy Semi-Conductor H...
US1J BILIN-US1J Datasheet
216Kb / 3P
   Surface Mount Rectifiers
logo
Diotec Semiconductor
US1J DIOTEC-US1J Datasheet
103Kb / 2P
   Ultrafast Switching Surface Mount Silicon Rectifier Diodes
logo
Won-Top Electronics
US1J WTE-US1J Datasheet
53Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE
logo
Shenzhen Yixinwei Techn...
US1J YIXIN-US1J Datasheet
143Kb / 2P
   1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
More results

Similar Description - US1J

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
ES1A GULFSEMI-ES1A Datasheet
104Kb / 2P
   SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?0 TO 600V CURRENT竊?1.0A
FS4 GULFSEMI-FS4 Datasheet
244Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00 V CURRENT竊?1.0A
ES1D-E GULFSEMI-ES1D-E Datasheet
109Kb / 2P
   SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
MURS340-B GULFSEMI-MURS340-B Datasheet
103Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00V TO 600V CURRENT竊?3.0A
GU1M-E GULFSEMI-GU1M-E Datasheet
151Kb / 2P
   SURFACE MOUNT SWITCHING RECTIFIER VOLTAGE竊?000V CURRENT竊?1.0A
GU1Q-B GULFSEMI-GU1Q-B Datasheet
223Kb / 2P
   SURFACE MOUNT SWITCHING RECTIFIER VOLTAGE竊?200V CURRENT竊?1.0A
UGPP10D GULFSEMI-UGPP10D Datasheet
129Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?00 TO 600V CURRENT竊?1.0A
ES3A GULFSEMI-ES3A Datasheet
175Kb / 2P
   SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?0 TO 600V CURRENT竊?.0A
NF3J GULFSEMI-NF3J Datasheet
156Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00V CURRENT竊?.0A
MU3D GULFSEMI-MU3D Datasheet
91Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com